Electronic Components Datasheet Search
  English  ▼

X  

3625 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3625
Description  POWERHALL SENSOR/DRIVERS FOR BRUSHLESS DC MOTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3625 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3625 Datasheet HTML 1Page - Allegro MicroSystems 3625 Datasheet HTML 2Page - Allegro MicroSystems 3625 Datasheet HTML 3Page - Allegro MicroSystems 3625 Datasheet HTML 4Page - Allegro MicroSystems 3625 Datasheet HTML 5Page - Allegro MicroSystems 3625 Datasheet HTML 6Page - Allegro MicroSystems 3625 Datasheet HTML 7Page - Allegro MicroSystems 3625 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3625 AND 3626
POWERHALL
®
SENSOR/DRIVERS FOR
BRUSHLESS DC MOTORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TACH
OUT
SUPPLY
OUTB
Dwg. FP-005-1
8
6
4
5
7
1
REG.
TSD
GROUND
X
R
ADJ
V
+V
S
OUTA
PWM/I
ADJUST
O
FUNCTIONAL BLOCK DIAGRAM
TRUTH TABLE
Mag. FieldPWM/IOADJ
OUTA
OUTB
> +BOP
Open
Low
High
> -BOP
Open
High
Low
Any
<0.3 V
High
High
50
75
100
125
150
0.5
0
TEMPERATURE IN
°C
2.0
1.5
1.0
25
Dwg. GP-009-1B
R
= 55
°C/W
θJC
FREE AIR, R
= 80
°C/W
θJA
Copyright © 1988, 1995, Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com