Electronic Components Datasheet Search
  English  ▼

X  

3932 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3932
Description  THREE PHASE POWER MOSFET CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3932 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3932 Datasheet HTML 1Page - Allegro MicroSystems 3932 Datasheet HTML 2Page - Allegro MicroSystems 3932 Datasheet HTML 3Page - Allegro MicroSystems 3932 Datasheet HTML 4Page - Allegro MicroSystems 3932 Datasheet HTML 5Page - Allegro MicroSystems 3932 Datasheet HTML 6Page - Allegro MicroSystems 3932 Datasheet HTML 7Page - Allegro MicroSystems 3932 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page
1 of 8
3932
The A3932SEQ is a three-phase brushless DC motor controller. The
A3932’s high current gate drive capability allows driving of a wide range of
power MOSFETs and can support motor supply voltages from 12 to 50V.
The A3932 integrates a bootstrapped high side driver to minimize the
external component count required to drive N-channel MOSFET drivers.
Internal fixed off time PWM current control circuitry can be used to
regulate the maximum load current to a desired value. The peak load current
limit is set by the user’s selection of an input reference voltage and external
sensing resistor. The fixed off time pulse duration is set by a user-selected
external RC timing network. For added flexibility, the PWM input can be
used to provide speed/torque control, allowing the internal current control
circuit to set a maximum current limit.
The A3932 includes optional synchronous rectification. This feature
will short out the current path through the power MOSFETs intrinsic body
diodes during PWM off cycle current decay. This can minimize power
dissipation in the MOSFETs, eliminate the need for external power clamp
diodes, and potentially allow a more economical choice for the MOSFET
drivers.
The A3932 provides commutation logic for Hall sensors configured
for 120-degree spacing. The Hall input pins are pulled up to an internally
generated 5V reference. Power MOSFET protection features includes gate-
source voltage monitor, bootstrap capacitor charging current monitor,
undervoltage monitor, motor lead short to supply or ground, and thermal
shutdown.
FEATURES
n Drives Wide Range of N-channel
MOSFETs
n Sources 1.25A for Gate Turn-On
n Sinks 2.5A for Gate Turn-Off
n Synchronous Rectification
n Power MOSFET Protection
n Adjustable Dead Time for Cross
Conduction Protection
n Fast/Slow Current Decay Modes
n Internal PWM current Control
n PWM Torque Control Input
n Motor Lead Short to Supply
and Ground Protection
n Internal 5V Regulator
n Direction Control
n Brake Input
n Fault Diagnostic Output
n Tachometer Output
n Thermal Shutdown
n Undervoltage Protection
n 32L PLCC Package
8
7
6
5
10
9
12
26
27
28
29
22
25
24
21
CC
GHC
GLB
SB
GHB
CB
SA
PWM
TACH
SENSE
RC
H3
BRAKE
H2
SR
A3932SEQ
11
GLA
13
GHA
23 DIR
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Load Supply Voltage, VBB ............................ 50 V
VREG (Transient) ......................................... 15 V
Logic Input Voltage Range,
VIN...................-0.3 V to VLCAP + 0.3 V
Sense Voltage, VSENSE ........................ -5 to 1.5 V
Pins SA/SB/SC, ................................... -5 to 50 V
Pins GHA/GHB/GHC ................-5 to VBB + 17 V
Pins CA/CB/CC .........................SA/SB/SC+17 V
Package Power Dissipation (TA = +25°C)
RØJA ..................................... 52.4 °°C/W
RØJC ..................................... 22.7 °°C/W
PD ................................................2.4 W
Operating Temperature Range,
TA ................................-20°°C to +85°°C
Junction Temperature, TJ ......................... +150°°C
Storage Temperature Range,
TS...............................-55°°C to +150°°C
ADVANCED DATASHEET - 03/02/99
(Subject to change without notice)
THREE PHASE POWER
MOSFET CONTROLLER
Always order by complete part number: A3932SEQ


Similar Part No. - 3932

ManufacturerPart #DatasheetDescription
logo
Heyco.
3932 HEYCO-3932 Datasheet
176Kb / 1P
Standoff Cable Holders - Arrowhead Mount
logo
Tyco Electronics
393293 MACOM-393293 Datasheet
613Kb / 6P
1.5 mm AMP Mini CT Connector Series
logo
Allegro MicroSystems
3932 ALLEGRO-3932_03 Datasheet
277Kb / 13P
THREE-PHASE POWER MOSFET CONTROLLER
More results

Similar Description - 3932

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3933 ALLEGRO-3933 Datasheet
168Kb / 12P
THREE-PHASE POWER MOSFET CONTROLLER
A3938SEQ ALLEGRO-A3938SEQ Datasheet
399Kb / 11P
Three-Phase Power MOSFET Controller
3932 ALLEGRO-3932_03 Datasheet
277Kb / 13P
THREE-PHASE POWER MOSFET CONTROLLER
3935 ALLEGRO-3935_03 Datasheet
299Kb / 15P
THREE-PHASE POWER MOSFET CONTROLLER
A3932 ALLEGRO-A3932 Datasheet
365Kb / 12P
Three-Phase Power MOSFET Controller
A3938 ALLEGRO-A3938 Datasheet
370Kb / 11P
Three-Phase Power MOSFET Controller
A3932 ALLEGRO-A3932_13 Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3932SLD-T ALLEGRO-A3932SLD-T Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3938SLDTR ALLEGRO-A3938SLDTR Datasheet
369Kb / 11P
Three-Phase Power MOSFET Controller
A3938 ALLEGRO-A3938_16 Datasheet
369Kb / 11P
Three-Phase Power MOSFET Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com