Electronic Components Datasheet Search
  English  ▼

X  

3932 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3932
Description  THREE PHASE POWER MOSFET CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3932 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3932 Datasheet HTML 1Page - Allegro MicroSystems 3932 Datasheet HTML 2Page - Allegro MicroSystems 3932 Datasheet HTML 3Page - Allegro MicroSystems 3932 Datasheet HTML 4Page - Allegro MicroSystems 3932 Datasheet HTML 5Page - Allegro MicroSystems 3932 Datasheet HTML 6Page - Allegro MicroSystems 3932 Datasheet HTML 7Page - Allegro MicroSystems 3932 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4
3932
THREE-PHASE POWER MOSFET CONTROLLER
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 50 V, CBOOT= .1µf, CLOAD=1000pf (unless noted otherwise)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Bootstrap Capacitor
Bootstrap Capacitor Voltage
VCAP
10.4
11.6
12.8
V
Bootstrap Charge Threshold
IBOOTCHG
9
13
18
mA
Bootstrap Capacitor ROUT
RCAP
5
8
Ω
Charge Current
ICX
100
mA
CAP Leakage Current
ICAP
High Side switched ON
15
25
µA
Current Limit Circuitry
Offset Voltage
VIO
-5
0
5
mV
Input Bias Current
IB
-5
0
µA
Comparator Common Mode Range
VCMR
0
1.5
V
RC Charge Current
IRC
.9
1
1.1
µA
VRCL
1.0
1.1
1.2
V
RC Voltage Threshold
VRCH
2.7
3.0
3.3
V
Protection Circuitry
Gate Source Monitor
UVLOGS
VCAP-VGHX, High Side Switched ON
2.7
3.3
3.9
V
Short to Ground, Drain-Source
Monitor
UVLODS
VBB- VSX, High Side ON
1.6
2.0
2.4
V
Undervoltage Threshold
UVLO
VREG low to High
9.4
9.9
10.4
V
UVLO
VREG High to Low
8.8
9.3
9.8
V
Fault Output
VFAULT
IOL = 1mA
.5
V
Tach Output
VTACH
IOL= 500 µA
.5
V
Thermal Shutdown Temp.
TJ
–
165
–
°C
Thermal Shutdown Hysteresis
∆TJ
–
10
–
°C
NOTES:
1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com