Electronic Components Datasheet Search
  English  ▼

X  

3955 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3955
Description  FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3955 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3955 Datasheet HTML 1Page - Allegro MicroSystems 3955 Datasheet HTML 2Page - Allegro MicroSystems 3955 Datasheet HTML 3Page - Allegro MicroSystems 3955 Datasheet HTML 4Page - Allegro MicroSystems 3955 Datasheet HTML 5Page - Allegro MicroSystems 3955 Datasheet HTML 6Page - Allegro MicroSystems 3955 Datasheet HTML 7Page - Allegro MicroSystems 3955 Datasheet HTML 8Page - Allegro MicroSystems 3955 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Note the A3955SB (DIP) and the A3955SLB
(SOIC) are electrically identical and share a
common terminal number assignment.
ABSOLUTE MAXIMUM RATINGS
Load Supply Voltage, VBB . . . . . . . . . . 50 V
Output Current, IOUT
(Continuous) . . . . . . . . . . . . . .
±1.5 A*
Logic Supply Voltage, VCC . . . . . . . . . 7.0 V
Logic/Reference Input Voltage Range,
VIN . . . . . . . . . . . -0.3 V to VCC + 0.3 V
Sense Voltage, VS . . . . . . . . . . . . . . . . 1.0 V
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range,
TA . . . . . . . . . . . . . . . . . -20˚C to +85˚C
Junction Temperature, TJ . . . . . . . +150˚C†
Storage Temperature Range,
TS . . . . . . . . . . . . . . . . -55˚C to +150˚C
* Output current rating may be limited by duty
cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the
specified current rating or a junction temperature
of 150˚C.
† Fault conditions that produce excessive junction
temperature will activate the device’s thermal
shutdown circuitry. These conditions can be
tolerated but should be avoided.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GROUND
GROUND
LOGIC
SUPPLY
PHASE
GROUND
GROUND
RC
SENSE
D
Dwg. PP-056-2
REF
LOAD
SUPPLY
VCC
OUTB
OUTA
VBB
LOGIC
PFD
1
D 0
D 2
The A3955SB and A3955SLB are designed for driving one winding
of a bipolar stepper motor in a microstepping mode. The outputs are
rated for continuous output currents to
±1.5 A and operating voltages
to 50 V. Internal pulse-width modulated (PWM) current control com-
bined with an internal three-bit nonlinear digital-to-analog converter
allows the motor current to be controlled in full-, half-, quarter-, or
eighth-step (microstepping) modes. Nonlinear increments minimize
the number of control lines necessary for microstepping.
Microstepping provides for increased step resolution, and reduces
torque variations and resonance problems at low speed.
Internal circuitry determines whether the PWM current-control
circuitry operates in a slow (recirculating) current-decay mode, fast
(regenerative) current-decay mode, or in a mixed current-decay mode
in which the off time is divided into a period of fast current decay with
the remainder of the fixed off time spent in slow current decay. The
combination of user-selectable current-sensing resistor and reference
voltage, digitally selected output current ratio; and slow, fast, or mixed
current-decay modes provides users with a broad, variable range of
motor control.
Internal circuit protection includes thermal shutdown with hyster-
esis, transient-suppression diodes, and crossover current protection.
Special power-up sequencing is not required.
The A3955S— is supplied in a choice of two power packages; a
16-pin dual-in-line plastic package with copper heat-sink tabs (suffix
‘B’), and a 16-lead plastic SOIC with copper heat-sink tabs (suffix ‘LB’).
For both package styles, the power tab is at ground potential and
needs no electrical isolation.
FEATURES
s
±1.5 A Continuous Output Current
s 50 V Output Voltage Rating
s Internal PWM Current Control
s 3-Bit Non-Linear DAC
s Fast, Mixed Fast/Slow, and Slow Current-Decay Modes
s Internal Transient-Suppression Diodes
s Internal Thermal-Shutdown Circuitry
s Crossover-Current and UVLO Protection
FULL-BRIDGE PWM
MICROSTEPPING MOTOR DRIVER
Part Number
Package
A3955SB
16-Pin DIP
A3955SLB
16-Lead SOIC
Always order by complete part number:
3955


Similar Part No. - 3955

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3955 ADAFRUIT-3955 Datasheet
391Kb / 3P
JST PH 4-Pin to Male Header Cable - I2C STEMMA Cable - 200mm
More results

Similar Description - 3955

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3957 ALLEGRO-3957 Datasheet
150Kb / 16P
FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
A3992 ALLEGRO-A3992 Datasheet
477Kb / 13P
DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3955 ALLEGRO-A3955 Datasheet
423Kb / 13P
Full-Bridge PWM Microstepping Motor Driver
logo
Shindengen Electric Mfg...
MTD2017F SHINDENGEN-MTD2017F Datasheet
91Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2018F SHINDENGEN-MTD2018F Datasheet
91Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2018G SHINDENGEN-MTD2018G Datasheet
120Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
logo
Allegro MicroSystems
A4975 ALLEGRO-A4975 Datasheet
321Kb / 13P
Full-Bridge PWM Microstepping Motor Driver
A3972 ALLEGRO-A3972 Datasheet
312Kb / 10P
Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3955 ALLEGRO-A3955_12 Datasheet
520Kb / 14P
Full-Bridge PWM Microstepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com