Electronic Components Datasheet Search
  English  ▼

X  

3955 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3955
Description  FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3955 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3955 Datasheet HTML 1Page - Allegro MicroSystems 3955 Datasheet HTML 2Page - Allegro MicroSystems 3955 Datasheet HTML 3Page - Allegro MicroSystems 3955 Datasheet HTML 4Page - Allegro MicroSystems 3955 Datasheet HTML 5Page - Allegro MicroSystems 3955 Datasheet HTML 6Page - Allegro MicroSystems 3955 Datasheet HTML 7Page - Allegro MicroSystems 3955 Datasheet HTML 8Page - Allegro MicroSystems 3955 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3955
FULL-BRIDGE PWM
MICROSTEPPING
MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
* The total error for the VREF/VS function is the sum of the D/A error and the current-sense comparator input offset voltage.
Logic Supply Voltage Range
VCC
Operating
4.5
5.0
5.5
V
Reference Voltage Range
VREF
Operating
0.5
—
2.5
V
UVLO Enable Threshold
VCC = 0 ¡ 5 V
3.35
3.70
4.05
V
UVLO Hysteresis
0.30
0.45
0.60
V
Logic Supply Current
ICC(ON)
—42
50
mA
ICC(OFF)
D0 = D1 = D2 = 0.8 V
—
12
16
mA
Logic Input Voltage
VIN(1)
2.0
—
—
V
VIN(0)
—
—
0.8
V
Logic Input Current
IIN(1)
VIN = 2.0 V
—
<1.0
20
µA
IIN(0)
VIN = 0.8 V
—
<-2.0
-200
µA
Mixed-Decay Comparator
VPFD
Slow Current-Decay Mode
3.5
—
—
V
Trip Points
Mixed Current-Decay Mode
1.1
—
3.1
V
Fast Current-Decay Mode
—
—
0.8
V
Mixed-Decay Comparator
VIO(PFD)
—0
±20
mV
Input Offset Voltage
Mixed-Decay Comparator
∆V
IO(PFD)
5.0
25
55
mV
Hysteresis
Reference Input Current
IREF
VREF = 0 V to 2.5 V
—
—
±5.0
µA
Reference Divider Ratio
VREF/VS
at trip, D0 = D1 = D2 = 2 V
—
3.0
—
—
Digital-to-Analog Converter
—
1.0 V < VREF ≤ 2.5 V
—
—
±3.0
%
Accuracy*
0.5 V < VREF ≤ 1.0 V
—
—
±4.0
%
Current-Sense Comparator
VIO(S)
VREF = 0 V
—
—
±5.0
mV
Input Offset Voltage*
Step Reference
SRCR
D0 = D1 = D2 = 0.8 V
—
0
—
%
Current Ratio
D0 = 2 V, D1 = D2 = 0.8 V
—
19.5
—
%
D0 = 0.8 V, D1 = 2 V, D2 = 0.8 V
—
38.2
—
%
D0 = D1 = 2 V, D2 = 0.8 V
—
55.5
—
%
D0 = D1 = 0.8 V, D2 = 2 V
—
70.7
—
%
D0 = 2 V, D1 = 0.8 V, D2 = 2 V
—
83.1
—
%
D0 = 0.8 V, D1 = D2 = 2 V
—
92.4
—
%
D0 = D1 = D2 = 2 V
—
100
—
%
ELECTRICAL CHARACTERISTICS at TA = 25˚C, VBB = 5 V to 50 V, VCC = 4.5 V to 5.5 V
(unless otherwise noted. )
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Circuitry
Continued next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com