Electronic Components Datasheet Search
  English  ▼

X  

3955 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3955
Description  FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3955 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3955 Datasheet HTML 1Page - Allegro MicroSystems 3955 Datasheet HTML 2Page - Allegro MicroSystems 3955 Datasheet HTML 3Page - Allegro MicroSystems 3955 Datasheet HTML 4Page - Allegro MicroSystems 3955 Datasheet HTML 5Page - Allegro MicroSystems 3955 Datasheet HTML 6Page - Allegro MicroSystems 3955 Datasheet HTML 7Page - Allegro MicroSystems 3955 Datasheet HTML 8Page - Allegro MicroSystems 3955 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3955
FULL-BRIDGE PWM
MICROSTEPPING
MOTOR DRIVER
ELECTRICAL CHARACTERISTICS at TA = 25˚C, VBB = 5 V to 50 V, VCC = 4.5 V to 5.5 V
(unless otherwise noted.)
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Load Supply Voltage Range
VBB
Operating, IOUT = ±1.5 A, L = 3 mH
VCC
—50
V
Output Leakage Current
ICEX
VOUT = VBB
—
<1.0
50
µA
VOUT = 0 V
—
<-1.0
-50
µA
Output Saturation Voltage
VCE(SAT)
VS = 1.0 V:
(Forward or Reverse Mode)
Source Driver, IOUT = -0.85 A
—
1.0
1.2
V
Source Driver, IOUT = -1.5 A
—
1.3
1.5
V
Sink Driver, IOUT = 0.85 A
—
0.5
0.6
V
Sink Driver, IOUT = 1.5 A
—
1.3
1.5
V
Sense Current Offset
ISO
IS - IOUT, IOUT = 850 mA,
20
33
40
mA
VS = 0 V, VCC = 5 V
Clamp Diode Forward Voltage
VF
IF = 0.85 A
—
1.2
1.4
V
(Sink or Source)
IF = 1.5 A
—
1.4
1.7
V
Motor Supply Current
IBB(ON)
—
2.0
4.0
mA
(No Load)
IBB(OFF)
D0 = D1 = D2 = 0.8 V
—
1.0
50
µA
Continued next page…
Power Outputs
50
75
100
125
150
5
1
0
TEMPERATURE IN
°C
4
3
2
25
Dwg. GP-049-2A
R
= 6.0
°C/W
θJT
SUFFIX 'B', R
= 43
°C/W
θJA
SUFFIX 'LB', R
= 63
°C/W
θJA
Table 3 — DAC Truth Table
DAC DATA
Current
D2
D1
D0
Ratio, %
VREF/VS
H
H
H
100
3.00
H
H
L
92.4
3.25
H
L
H
83.1
3.61
H
L
L
70.7
4.24
L
H
H
55.5
5.41
L
H
L
38.2
7.85
L
L
H
19.5
15.38
L
L
L
All Outputs Disabled
where VS = ITRIP•RS. See Applications section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com