Electronic Components Datasheet Search
  English  ▼

X  

3955 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3955
Description  FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3955 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3955 Datasheet HTML 1Page - Allegro MicroSystems 3955 Datasheet HTML 2Page - Allegro MicroSystems 3955 Datasheet HTML 3Page - Allegro MicroSystems 3955 Datasheet HTML 4Page - Allegro MicroSystems 3955 Datasheet HTML 5Page - Allegro MicroSystems 3955 Datasheet HTML 6Page - Allegro MicroSystems 3955 Datasheet HTML 7Page - Allegro MicroSystems 3955 Datasheet HTML 8Page - Allegro MicroSystems 3955 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
3955
FULL-BRIDGE PWM
MICROSTEPPING
MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
9
2
8
14
D/A
VCC
6
PHASE
7
16
10
15
PFD
1
+
–
VBB
RC
GROUND
4
5
R S
Dwg. FP-042
SENSE
11
12
13
VCC
BLANKING
UVLO
& TSD
Q
R
S
PWM LATCH
+ –
VTH
R T
C T
3
MIXED-DECAY
COMPARATOR
+
–
÷3
DISABLE
CURRENT-SENSE
COMPARATOR
BLANKING
GATE
W
Copyright © 1997 Allegro MicroSystems, Inc.
Table 1 — PHASE Truth Table
PHASE
OUTA
OUTB
HH
L
LL
H
Table 2 — PFD Truth Table
VPFD
Description
≥3.5 V
Slow Current-Decay Mode
1.1 V to 3.1 V
Mixed Current-Decay Mode
≤0.8 V
Fast Current-Decay Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com