Electronic Components Datasheet Search
  English  ▼

X  

A1010 Datasheet(PDF) 13 Page - Actel Corporation

Part # A1010
Description  5V and 3.3V Families fully compatible with JEDEC specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010 Datasheet(HTML) 13 Page - Actel Corporation

Back Button A1010 Datasheet HTML 9Page - Actel Corporation A1010 Datasheet HTML 10Page - Actel Corporation A1010 Datasheet HTML 11Page - Actel Corporation A1010 Datasheet HTML 12Page - Actel Corporation A1010 Datasheet HTML 13Page - Actel Corporation A1010 Datasheet HTML 14Page - Actel Corporation A1010 Datasheet HTML 15Page - Actel Corporation A1010 Datasheet HTML 16Page - Actel Corporation A1010 Datasheet HTML 17Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1-295
ACT ™ 1 Series FPGAs
Parameter Measurement
Output Buffer Delays
AC Test Loads
Input Buffer Delays
Module Delays
To AC test loads (shown below)
PAD
D
E
TRIBUFF
In
VCC
GND
50%
PAD
VOL
VOH
1.5 V
tDLH
50%
1.5 V
tDHL
E
VCC
GND
50%
PAD
VOL
1.5 V
tENZL
50%
10%
tENLZ
E
VCC
GND
50%
PAD
GND
VOH
1.5 V
tENZH
50%
90%
tENHZ
VCC
Load 1
(Used to measure propagation delay)
Load 2
(Used to measure rising/falling edges)
35 pF
To the output under test
VCC
GND
35 pF
To the output under test
R to VCC for tPLZ/tPZL
R to GND for tPHZ/tPZH
R = 1 k
Ω
PAD
Y
INBUF
PAD
3 V
0 V
1.5 V
Y
GND
VCC
50%
tINYH
1.5 V
50%
tINYL
S
A
B
Y
S, A or B
Out
GND
VCC
50%
tPLH
Out
GND
GND
VCC
50%
50%
50%
VCC
50%
50%
tPHL
tPHL
tPLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com