Electronic Components Datasheet Search
  English  ▼

X  

A1010 Datasheet(PDF) 2 Page - Actel Corporation

Part # A1010
Description  5V and 3.3V Families fully compatible with JEDEC specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010 Datasheet(HTML) 2 Page - Actel Corporation

  A1010 Datasheet HTML 1Page - Actel Corporation A1010 Datasheet HTML 2Page - Actel Corporation A1010 Datasheet HTML 3Page - Actel Corporation A1010 Datasheet HTML 4Page - Actel Corporation A1010 Datasheet HTML 5Page - Actel Corporation A1010 Datasheet HTML 6Page - Actel Corporation A1010 Datasheet HTML 7Page - Actel Corporation A1010 Datasheet HTML 8Page - Actel Corporation A1010 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1-284
The systems are available for 386/486/Pentium™ PC and for
HP™ and Sun™ workstations and for running Viewlogic®,
Mentor Graphics®, Cadence™, OrCAD™, and Synopsys
design environments.
ACT 1 Device Structure
A partial view of an ACT 1 device (Figure 1) depicts four logic
modules and distributed horizontal and vertical interconnect
tracks. PLICE antifuses, located at intersections of the
horizontal and vertical tracks, connect logic module inputs
and outputs. During programming, these antifuses are
addressed and programmed to make the connections
required by the circuit application.
The ACT 1 Logic Module
The ACT 1 logic module is an 8-input, one-output logic circuit
chosen for the wide range of functions it implements and for
its efficient use of interconnect routing resources (Figure 2).
The logic module can implement the four basic logic
functions (NAND, AND, OR, and NOR) in gates of two, three,
or four inputs. Each function may have many versions, with
different combinations of active-low inputs. The logic module
can also implement a variety of D-latches, exclusivity
functions, AND-ORs, and OR-ANDs. No dedicated hardwired
latches or flip-flops are required in the array, since latches
and flip-flops may be constructed from logic modules
wherever needed in the application.
I/O Buffers
Each I/O pin is available as an input, output, three-state, or
bidirectional buffer. Input and output levels are compatible
with standard TTL and CMOS specifications. Outputs sink or
Figure 1 • Partial View of an ACT 1 Device
Figure 2 • ACT 1 Logic Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com