Electronic Components Datasheet Search
  English  ▼

X  

A1010 Datasheet(PDF) 22 Page - Actel Corporation

Part # A1010
Description  5V and 3.3V Families fully compatible with JEDEC specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010 Datasheet(HTML) 22 Page - Actel Corporation

Back Button A1010 Datasheet HTML 16Page - Actel Corporation A1010 Datasheet HTML 17Page - Actel Corporation A1010 Datasheet HTML 18Page - Actel Corporation A1010 Datasheet HTML 19Page - Actel Corporation A1010 Datasheet HTML 20Page - Actel Corporation A1010 Datasheet HTML 21Page - Actel Corporation A1010 Datasheet HTML 22Page - Actel Corporation A1010 Datasheet HTML 23Page - Actel Corporation A1010 Datasheet HTML 24Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
1-304
Package Pin Assignments (continued)
84-Pin CPGA
Pin
A1010B Function
A1020B Function
Pin
A1010B Function
A1020B Function
A11
PRA, I/O
PRA, I/O
E10
VCC
VCC
B1
NC
I/O
E11
MODE
MODE
B2
NC
NC
F1
VCC
VCC
B5
VCC
VCC
F9
CLK, I/O
CLK, I/O
B7
GND
GND
F10
GND
GND
B10
PRB, I/O
PRB, I/O
G2
VCC
VCC
B11
SDI, I/O
SDI,I/O
G10
GND
GND
C1
NC
I/O
J2
NC
I/O
C2
NC
I/O
J10
NC
I/O
C10
DCLK, I/O
DCLK, I/O
K1
NC
I/O
C11
NC
I/O
K2
VCC
VCC
D10
NC
I/O
K5
GND
GND
D11
NC
I/O
K7
VCC
VCC
E2
GND
GND
K10
NC
I/O
E3
GND
GND
K11
NC
I/O
E9
VCC
VCC
L1
NC
I/O
Notes:
1.
NC: Denotes No Connection
2.
All unlisted pin numbers are user I/Os.
3.
MODE should be terminated to GND through a 10K resistor to enable Actionprobe usage; otherwise it can be terminated directly to GND.
Orientation Pin (C3)
84-Pin
CPGA
A
B
C
D
E
F
G
H
J
K
L
1
2
3
4
5
6
7
8
9
10 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com