Electronic Components Datasheet Search
  English  ▼

X  

A1010 Datasheet(PDF) 4 Page - Actel Corporation

Part # A1010
Description  5V and 3.3V Families fully compatible with JEDEC specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010 Datasheet(HTML) 4 Page - Actel Corporation

  A1010 Datasheet HTML 1Page - Actel Corporation A1010 Datasheet HTML 2Page - Actel Corporation A1010 Datasheet HTML 3Page - Actel Corporation A1010 Datasheet HTML 4Page - Actel Corporation A1010 Datasheet HTML 5Page - Actel Corporation A1010 Datasheet HTML 6Page - Actel Corporation A1010 Datasheet HTML 7Page - Actel Corporation A1010 Datasheet HTML 8Page - Actel Corporation A1010 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1-286
Product Plan
Speed Grade*
Application
Std
–1
–2
–3
C
I
M
B
A1010B Device
44-pin Plastic Leaded Chip Carrier (PL)
68-pin Plastic Leaded Chip Carrier (PL)
100-pin Plastic Quad Flatpack (PQ)
80-pin Very Thin (1.0 mm) Quad Flatpack (VQ)
84-pin Ceramic Pin Grid Array (PG)
—
—
—
—
—
—
—
—
—
—
—
—
A1020B Device
44-pin Plastic Leaded Chip Carrier (PL)
68-pin Plastic Leaded Chip Carrier (PL)
84-pin Plastic Leaded Chip Carrier (PL)
100-pin Plastic Quad Flatpack (PQ)
80-pin Very Thin (1.0 mm) Quad Flatpack (VQ)
84-pin Ceramic Pin Grid Array (PG)
84-pin Ceramic Quad Flatpack (CQ)
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
A10V10B Device
68-pin Plastic Leaded Chip Carrier (PL)
80-pin Very Thin (1.0 mm) Quad Flatpack (VQ)
—
—
—
—
—
—
—
—
—
—
—
—
A10V20B Device
68-pin Plastic Leaded Chip Carrier (PL)
84-pin Plastic Leaded Chip Carrier (PL)
80-pin Very Thin (1.0 mm) Quad Flatpack (VQ)
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Applications: C = Commercial
Availability:
= Available
* Speed Grade: –1 = Approx. 15% faster than Standard
I
= Industrial
P = Planned
–2 = Approx. 25% faster than Standard
M = Military
— = Not Planned
–3 = Approx. 35% faster than Standard
B = MIL-STD-883
Device Resources
User I/Os
Device
Logic Modules
Gates
44-pin
68-pin
80-pin
84-pin
100-pin
A1010B, A10V10B
295
1200
34
57
57
57
57
A1020B, A10V20B
547
2000
34
57
69
69
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com