Electronic Components Datasheet Search
  English  ▼

X  

APA300 Datasheet(PDF) 55 Page - Actel Corporation

Part # APA300
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA300 Datasheet(HTML) 55 Page - Actel Corporation

Back Button APA300 Datasheet HTML 51Page - Actel Corporation APA300 Datasheet HTML 52Page - Actel Corporation APA300 Datasheet HTML 53Page - Actel Corporation APA300 Datasheet HTML 54Page - Actel Corporation APA300 Datasheet HTML 55Page - Actel Corporation APA300 Datasheet HTML 56Page - Actel Corporation APA300 Datasheet HTML 57Page - Actel Corporation APA300 Datasheet HTML 58Page - Actel Corporation APA300 Datasheet HTML 59Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-51
Module Delays
Sample Macrocell Library Listing
Figure 1-29 • Module Delays
Table 1-45 • Worst-Case Military Conditions1
VDD = 2.3 V, TJ = 70º C, TJ = 70°C, TJ = 125°C for Military/MIL-STD-883
Cell Name
Description
Std.
–F2
Max
Min
Max
Min
Units
NAND2
2-Input NAND
0.5
0.6
ns
AND2
2-Input AND
0.7
0.8
ns
NOR3
3-Input NOR
0.8
1.0
ns
MUX2L
2-1 MUX with Active Low Select
0.5
0.6
ns
OA21
2-Input OR into a 2-Input AND
0.8
1.0
ns
XOR2
2-Input Exclusive OR
0.6
0.8
ns
LDL
Active Low Latch (LH/HL)
LH3
0.9
1.1
ns
CLK-Q
HL3
0.8
0.9
ns
tsetup
0.7
0.8
ns
thold
0.1
0.2
ns
DFFL
Negative Edge-Triggered D-type Flip-Flop (LH/HL)
CLK-Q
LH3
0.9
1.1
ns
HL3
0.8
1.0
ns
tsetup
0.6
0.7
ns
thold
0.0
0.0
ns
Notes:
1. Intrinsic delays have a variable component, coupled to the input slope of the signal. These numbers assume an input slope typical of
local interconnect.
2. All –F parts are only available as commercial.
3. LH and HL refer to the Q transitions from Low to High and High to Low, respectively.
A
B
50%
Y
50%
50% 50%
50%
50%
DALH
C
50%50%
50%
50%
50%
DBLH
DAHL
DBHL
DCHL
DCLH
50%
t
t
t
t
t
t
A
B
C
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com