Electronic Components Datasheet Search
  English  ▼

X  

5358 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 5358
Description  PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5358 Datasheet(HTML) 1 Page - Allegro MicroSystems

  5358 Datasheet HTML 1Page - Allegro MicroSystems 5358 Datasheet HTML 2Page - Allegro MicroSystems 5358 Datasheet HTML 3Page - Allegro MicroSystems 5358 Datasheet HTML 4Page - Allegro MicroSystems 5358 Datasheet HTML 5Page - Allegro MicroSystems 5358 Datasheet HTML 6Page - Allegro MicroSystems 5358 Datasheet HTML 7Page - Allegro MicroSystems 5358 Datasheet HTML 8Page - Allegro MicroSystems 5358 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PHOTOELECTRIC SMOKE DETECTOR
WITH INTERCONNECT AND TIMER
The A5358CA is a low-current BiCMOS circuit providing all of the
required features for a photoelectric type smoke detector. This device
can be used in conjunction with an infrared photoelectric chamber to
sense scattered light from smoke particles. Special features are
incorporated in the design to facilitate calibration and testing of the
finished detector. The device is designed to comply with Underwriters
Laboratories Specification UL217 and British Standard BS 5446,
Part 1.
A variable-gain photo amplifier can be directly interfaced to an
infrared emitter/detector pair. The amplifier gain levels are determined
by two external capacitors that are then internally selected depending
on the operating mode. Low gain is selected during standby and timer
modes. During a local alarm this low gain is increased (internally) by
~10% to reduce false triggering. High gain is used during the push-
button test and during standby to periodically monitor the chamber
sensitivity.
The internal oscillator and timing circuitry keeps standby power to
a minimum by sensing for smoke every 10 seconds in a 10
µs window.
A special three-stage speedup sensing scheme is incorporated to
minimize the time to an audible alarm and also to reduce false trigger-
ing. Also, two consecutive cycles of degraded chamber sensitivity are
required for a warning signal to occur.
The A5358CA is supplied in a low-cost 16-pin dual in-line plastic
package. It is rated for continuous operation over the temperature
range of -25
°C to +75°C.
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
OSC. &
TIMING
HORN
DRIVER
TEST
DETECT
HUSH
OSC. CAP.
HORN
HORN
– SUPPLY
VSS
C
I / O
C
STROBE
+ SUPPLY
VDD
TIMING RES.
FEEDBACK
1
2
LED
IRED
LOGIC
1
2
Dwg. PC-007
ABSOLUTE MAXIMUM RATINGS
(Voltages are referenced to VSS)
Supply Voltage Range,
VDD .................................... -0.5 V to +15 V
Input Voltage Range,
VIN ............................ -0.3 V to VDD + 0.3 V
Input Current, IIN ................................... 10 mA
Operating Temperature Range,
TA ..................................... -25°C to +75°C
Storage Temperature Range,
TS ................................... -55°C to +125°C
CAUTION: CMOS devices have input static
protection but are susceptible to damage if exposed
to extremely high static electrical charges.
Always order by complete part number: A5358CA .
FEATURES
s Interconnect Up to 50 Detectors
s Piezoelectric Horn Driver
s All Internal Low-Battery Detection
s Power-ON Reset
s Internal Timer & Control for Reduced Sensitivity
s Built-In Circuits to Reduce False Triggering
s 6 V to 12 V Operating Voltage Range
s ESD-Protection Circuitry on All Pins
5358


Similar Part No. - 5358

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
53587-1 AIC-53587-1 Datasheet
369Kb / 24P
STRATO-THERM Terminals & Splices for High Temperature Applications
logo
Festo Corporation.
535883 FESTO-535883 Datasheet
100Kb / 1P
Vacuum filter
535897 FESTO-535897 Datasheet
108Kb / 2P
Air solenoid valve
535898 FESTO-535898 Datasheet
97Kb / 2P
Air solenoid valve
535899 FESTO-535899 Datasheet
98Kb / 2P
Air solenoid valve
More results

Similar Description - 5358

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5347 ALLEGRO-5347 Datasheet
91Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5348 ALLEGRO-5348 Datasheet
90Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5368 ALLEGRO-5368 Datasheet
89Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5367CA ALLEGRO-A5367CA Datasheet
169Kb / 10P
SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5338 ALLEGRO-A5338 Datasheet
248Kb / 8P
Smoke Detector with Interconnect and Timer
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
A5303 ALLEGRO-A5303 Datasheet
380Kb / 14P
Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
Photoelectric Smoke Detector with Interconnect and Timer
A5303 ALLEGRO-A5303_16 Datasheet
799Kb / 15P
Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com