Electronic Components Datasheet Search
  English  ▼

X  

5358 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 5358
Description  PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5358 Datasheet(HTML) 4 Page - Allegro MicroSystems

  5358 Datasheet HTML 1Page - Allegro MicroSystems 5358 Datasheet HTML 2Page - Allegro MicroSystems 5358 Datasheet HTML 3Page - Allegro MicroSystems 5358 Datasheet HTML 4Page - Allegro MicroSystems 5358 Datasheet HTML 5Page - Allegro MicroSystems 5358 Datasheet HTML 6Page - Allegro MicroSystems 5358 Datasheet HTML 7Page - Allegro MicroSystems 5358 Datasheet HTML 8Page - Allegro MicroSystems 5358 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
5358
PHOTOELECTRIC SMOKE DETECTOR
with INTERCONNECT and TIMER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Test
Limits
Characteristic
Symbol
Test Conditions
Pin
VDD
Min.
Typ.
Max.
Units
Line Regulation
∆V
ST(
∆VDD)
Active, VDD = 6 V to 12 V
4
–
–
-60
–
dB
Strobe Temperature Coeff.
α
ST
VDD = 6 V to 12 V
4
–
–
0.01
–
%/
°C
IRED Output Voltage
VIRED
Inactive IO = 1 µA, TA = +25°C
6
12
–
–
0.1
V
Active IO = -6 mA, TA = +25°C
6
9
2.85
3.1
3.35
V
Line Regulation
∆V
IRED(
∆VDD) Active, VDD = 6 V to 12 V
6
–
-35
–
dB
IRED Temperature Coefficient
α
IRED
VDD = 6 V to 12 V
6
–
–
+0.40
–
%/
°C
High-Level Output Current
IOH
VDD = Alarm, I/O active,
7
9
-4.0
–
–
mA
VO = VDD - 2 V
OFF Leakage Current High
I
OZ
V
O = VDD
11, 13
12
–
–
1.0
µA
OFF Leakage Current Low
I
OZ
V
O = VSS
11, 13
12
–
–
-1.0
µA
Low V
DD Alarm Threshold
V
DD(th)
5
-
6.9
7.2
7.5
V
Common Mode Voltage
V
IC
Any Alarm Condition
1, 2, 3
-
V
DD - 4
–
V
DD - 2
V
Smoke Comparator Ref. Volt.
V
REF
Any Alarm Condition
Internal
-
V
DD - 3.7
–
V
DD - 3.3
V
DC ELECTRICAL CHARACTERISTICS, continued
AC ELECTRICAL CHARACTERISTICS at TA = -25°C to +75°C*, VSS = 0 V, in typical application
(unless otherwise noted).
Test
Limits
Characteristic
Symbol
Test Conditions
Pin
VDD
Min.
Typ.
Max.
Units
Oscillator Period
tosc
12
9
9.4
10.5
11.5
ms
Led Pulse Period
tled1
No Local or Remote Smoke
11
9
39
–
48
s
tled4
Remote Smoke Only
11
9
None
–
–
–
tled6
Local Smoke or Test
11
9
0.60
0.67
0.74
s
tled7
Timer Mode, No Alarm
11
9
9.67
10.8
11.8
s
Led Pulse Width
tw(led)
11
9
9.5
–
11.5
ms
Continued...
* Limits over the operating temperature range are based on characterization data.
Characteristics are production tested at +25
°C only.
Typical values are at +25
°C and are given for circuit design information only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com