Electronic Components Datasheet Search
  English  ▼

X  

5358 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 5358
Description  PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5358 Datasheet(HTML) 3 Page - Allegro MicroSystems

  5358 Datasheet HTML 1Page - Allegro MicroSystems 5358 Datasheet HTML 2Page - Allegro MicroSystems 5358 Datasheet HTML 3Page - Allegro MicroSystems 5358 Datasheet HTML 4Page - Allegro MicroSystems 5358 Datasheet HTML 5Page - Allegro MicroSystems 5358 Datasheet HTML 6Page - Allegro MicroSystems 5358 Datasheet HTML 7Page - Allegro MicroSystems 5358 Datasheet HTML 8Page - Allegro MicroSystems 5358 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Test
Limits
Characteristic
Symbol
Test Conditions
Pin
VDD
Min.
Typ.
Max.
Units
Supply Voltage Range
VDD
5
–
6.0
–
12
V
Operating Supply Current
IDD
Average Standby
5
12
–
–
12
µA
Configured per Figure 1
During Strobe ON, IRED OFF,
5
12
–
–
2.0
mA
Configured per Figure 1
During Strobe ON, IRED ON,
5
12
–
–
3.0
mA
Configured per Figure 1
Low-Level Input Voltage
VIL
79
––
1.5
V
10
9
–
–
2.7
V
16
9
–
–
7.0
V
15
9
–
–
0.5
V
High-Level Input Voltage
VIH
79
3.2
––
V
10
9
6.3
–
–
V
16
9
8.5
–
–
V
15
9
1.6
–
–
V
Input Leakage High
IIH
VIN = VDD, Strobe Active,
1, 2
12
–
–
100
nA
Pin 12 @ VDD
VIN = VDD
3, 10, 12
12
–
–
100
nA
Input Leakage Low
IIL
VIN = VST, Strobe Active,
1, 2, 3
12
–
–
-100
nA
Pin 12 @ VDD
VIN = VSS
10, 12
12
–
–
-100
nA
15, 16
12
–
–
-1.0
µA
Input Pull-Down Current
IIN
VIN = VDD
16, 15
9
0.25
–
10
µA
No Local Smoke, VIN = VDD
79
20
–
80
µA
No Local Smoke, VIN = 17 V
7
12
–
–
140
µA
Low-Level Output Voltage
VOL
IO = 10 mA
11
6.5
–
–
0.6
V
IO = 16 mA
8, 9
6.5
–
–
1.0
V
IO = 5 mA
13
6.5
–
0.5
–
V
High-Level Output Voltage
VOH
IO= -16 mA
8, 9
6.5
5.5
–
–
V
Strobe Output Voltage
VST
Inactive IO = -1 µA4
12
VDD - 0.1
––
V
Active, IO = 100 µA to 500 µA4
9
VDD - 5.25
–
VDD - 4.75
V
Continued...
DC ELECTRICAL CHARACTERISTICS at TA = -25°C to +75°C*, VSS = 0 V, in typical application
(unless otherwise noted).
5358
PHOTOELECTRIC SMOKE DETECTOR
with INTERCONNECT and TIMER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com