Electronic Components Datasheet Search
  English  ▼

X  

5358 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 5358
Description  PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5358 Datasheet(HTML) 2 Page - Allegro MicroSystems

  5358 Datasheet HTML 1Page - Allegro MicroSystems 5358 Datasheet HTML 2Page - Allegro MicroSystems 5358 Datasheet HTML 3Page - Allegro MicroSystems 5358 Datasheet HTML 4Page - Allegro MicroSystems 5358 Datasheet HTML 5Page - Allegro MicroSystems 5358 Datasheet HTML 6Page - Allegro MicroSystems 5358 Datasheet HTML 7Page - Allegro MicroSystems 5358 Datasheet HTML 8Page - Allegro MicroSystems 5358 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
5358
PHOTOELECTRIC SMOKE DETECTOR
with INTERCONNECT and TIMER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
4
STROBE
– SUPPLY
14
VSS
9 V
+ SUPPLY
I / O
TIMING RES.
FEEDBACK
DETECT
OSC. CAP.
POWER-ON
RESET
OSCILLATOR
& TIMING
LOGIC
HORN 1
HORN
2
LED
TEST
+V
+V
V
DD
16
7
11
10
9
8
13
12
5
3
V
DD
Dwg. FC-006
1
2
LOW BATTERY
C1
C2
HUSH
15
6
IRED
PHOTO AMP
V DD
BAND-GAP
REFERENCE
Copyright © 1995, 1996 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com