Electronic Components Datasheet Search
  English  ▼

X  

5910 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 5910
Description  HIGH-VOLTAGE BiMOS III 10-BIT SERIAL-INPUT, LATCHED DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5910 Datasheet(HTML) 1 Page - Allegro MicroSystems

  5910 Datasheet HTML 1Page - Allegro MicroSystems 5910 Datasheet HTML 2Page - Allegro MicroSystems 5910 Datasheet HTML 3Page - Allegro MicroSystems 5910 Datasheet HTML 4Page - Allegro MicroSystems 5910 Datasheet HTML 5Page - Allegro MicroSystems 5910 Datasheet HTML 6Page - Allegro MicroSystems 5910 Datasheet HTML 7Page - Allegro MicroSystems 5910 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y
HIGH-VOLTAGE BiMOS III
10-BIT SERIAL-INPUT, LATCHED DRIVERS
Always order by complete part number, e.g., UCN5910A-2 .
The UCN5910x combines a 10-bit CMOS shift register and accompanying
data latches, control circuitry, high-voltage bipolar sourcing outputs with
DMOS active pull-downs. Designed primarily to drive ink-jet and piezoelec-
tric printers, large flat-panel vacuum-fluorescent or ac plasma displays, the
140 V or 150 V and
±50 mA output ratings also allow these devices to be used
in many other peripheral power driver applications. The lower-cost (suffix
“-2”) devices are identical to the basic devices except for output voltage rating.
The CMOS shift register and latches allow direct interfacing with micro-
processor-based systems. With a 5 V logic supply, serial-data input rates are
typically over 5 MHz, with significantly higher speeds obtainable at 12 V.
Use with TTL may require appropriate pull-up resistors to ensure an input logic
high.
A CMOS serial data output enables cascade connections in applications
requiring additional drive lines. Similar devices for up to 60-volt operation are
available in 10, 12, 20, and 32-bit configurations.
The UCN5910A/LW output source drivers are npn Darlingtons capable of
sourcing at least 40 mA. The DMOS active pull-downs are capable of sinking
at least 30 mA. For inter-digit blanking, all of the output drivers can be
disabled and the DMOS sink drivers turned ON by the BLANKING input high.
The UCN5910A and UCN5910A-2 are furnished in a 20-pin dual in-line
plastic package. The surface-mount UCN5910LW and UCN5910LW-2 are
furnished in a wide-body, small-outline plastic package (SOIC) with gull-wing
leads. Copper lead frames, reduced supply current requirements, and lower
output saturation voltages allow all devices to be operated at
±20 mA from all
outputs (50% duty cycle), at ambient temperatures up to +30
°C, or at ±15 mA
to +55
°C.
FEATURES
s High-Speed Source Drivers
s 140 V (suffix “-2”) or 150 V
Minimum Output Breakdown
s Improved Replacements
for TL4810B
ABSOLUTE MAXIMUM RATINGS
at TA = 25°C
Logic Supply Voltage, VDD ................ 15 V
Driver Supply Voltage, VBB
UCN5910A/LW ......................... 150 V
Suffix “-2” .................................. 140 V
Continuous Output Current Range,
IOUT ....................... -30 mA to +40 mA
Input Voltage Range,
VIN .................... -0.3 V to VDD + 0.3 V
Package Power Dissipation, PD . See Graph
Operating Temperature Range,
TA ............................... -20°C to +85°C
Storage Temperature Range,
TS .............................. -55°C to +150°C
Caution: CMOS devices have input static
protection but are susceptible to damage when
exposed to extremely high static electrical
charges.
Note that the dual in-line package (designator
‘A’) and small-outline IC package (designator
‘LW’) are electrically identical and share a
common terminal number assignment.
s Low Output Saturation Voltages
s Low-Power CMOS Logic and Latches
s To 3.3 MHz Data Input Rate
s Active DMOS Pull-Downs
REGISTER
LATCHES
SERIAL
DATA OUT
LOAD
SUPPLY (6-10)
SERIAL
DATA IN
BLANKING
BLNK
V
OUT1
OUT2
OUT3
LOGIC
SUPPLY
STROBE
ST
VDD
OUT5
OUT 4
1
2
3
8
9
13
14
15
16
17
19
4
5
6
7
12
18
20
LOGIC
GROUND
CLOCK
CLK
BB
OUT9
OUT10
Dwg. PP-029-14
OUT8
OUT7
OUT6
LATCHES
REGISTER
10
11
POWER
GROUND
LOAD
SUPPLY (1-5)
V
BB
SUB
PRELIMINARY INFORMATION
(Subject to change without notice)
January 18, 2000
5910


Similar Part No. - 5910

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
5910 APP-5910 Datasheet
1,004Kb / 7P
SB® 50 Connectors Up to 120 amps
5910-BK APP-5910-BK Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
5910-BK APP-5910-BK Datasheet
1,004Kb / 7P
SB® 50 Connectors Up to 120 amps
5910-BK APP-5910-BK Datasheet
1Mb / 8P
SBS® Connectors - up to 110 amps
logo
Axiomtek Co., Ltd.
591000005900 AXIOMTEK-591000005900 Datasheet
486Kb / 2P
Thin Mini-ITX SBC with Intel® Celeron® Processor J6412, HDMI, VGA, LVDS, USB 3.1, Mini PCIe, M.2 Key B, and HD Audio
Aug. 23, 2024.
More results

Similar Description - 5910

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5810-F ALLEGRO-5810-F Datasheet
158Kb / 8P
BiMOS II 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5832 ALLEGRO-5832 Datasheet
78Kb / 8P
BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com