Electronic Components Datasheet Search
  English  ▼

X  

5910 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 5910
Description  HIGH-VOLTAGE BiMOS III 10-BIT SERIAL-INPUT, LATCHED DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5910 Datasheet(HTML) 2 Page - Allegro MicroSystems

  5910 Datasheet HTML 1Page - Allegro MicroSystems 5910 Datasheet HTML 2Page - Allegro MicroSystems 5910 Datasheet HTML 3Page - Allegro MicroSystems 5910 Datasheet HTML 4Page - Allegro MicroSystems 5910 Datasheet HTML 5Page - Allegro MicroSystems 5910 Datasheet HTML 6Page - Allegro MicroSystems 5910 Datasheet HTML 7Page - Allegro MicroSystems 5910 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5910
HIGH-VOLTAGE BiMOS III
10-BIT SERIAL-INPUT,
LATCHED DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
Dwg. No. A-14,219
50
75
100
125
150
2.5
0.5
0
AMBIENT TEMPERATURE IN
°C
2.0
1.5
1.0
25
Dwg. GS-004A
SU
FF
IX
'L
W
', R
=
7
0°C
/W
θJA
SUFFIX
'A',
R
=
55
°C/W
θJA
V
OUT
BB
N
Copyright © 1984, 1999, Allegro MicroSystems, Inc.
MOS
BIPOLAR
OUT 1 OUT 2
GROUND
Dwg. FP-013-1
OUT 3
OUT N
CLOCK
SERIAL
DATA IN
STROBE
BLANKING
SERIAL
DATA OUT
SERIAL-PARALLEL SHIFT REGISTER
LATCHES
VDD
VBB
LOGIC
SUPPLY
LOAD
SUPPLY
Dwg. EP-010-4A
IN
V
DD
TYPICAL INPUT CIRCUIT
TYPICAL OUTPUT DRIVER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com