Electronic Components Datasheet Search
  English  ▼

X  

5910 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 5910
Description  HIGH-VOLTAGE BiMOS III 10-BIT SERIAL-INPUT, LATCHED DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5910 Datasheet(HTML) 4 Page - Allegro MicroSystems

  5910 Datasheet HTML 1Page - Allegro MicroSystems 5910 Datasheet HTML 2Page - Allegro MicroSystems 5910 Datasheet HTML 3Page - Allegro MicroSystems 5910 Datasheet HTML 4Page - Allegro MicroSystems 5910 Datasheet HTML 5Page - Allegro MicroSystems 5910 Datasheet HTML 6Page - Allegro MicroSystems 5910 Datasheet HTML 7Page - Allegro MicroSystems 5910 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5910
HIGH-VOLTAGE BiMOS III
10-BIT SERIAL-INPUT,
LATCHED DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TRUTH TABLE
Serial
Shift Register Contents
Serial
Latch Contents
Output Contents
Data Clock
Data
Strobe
Input Input I1 I2 I3 ... IN-1 IN
Output Input
I1 I2 I3 ... IN-1 IN Blanking I1 I2 I3 ... IN-1 IN
HH
R1 R2 ...
RN-2 RN-1
RN-1
LL
R1 R2 ...
RN-2 RN-1
RN-1
XR1 R2 R3 ...
RN-1 RN
RN
XXX...
X
X
X
L
R1 R2 R3 ...
RN-1 RN
P1 P2 P3 ...
PN-1 PN
PN
HP1 P2 P3 ...
PN-1 PN
LP1 P2 P3 ... PN-1 PN
X
X
X
...
X
X
H
L
L
L
... L
L
L = Low Logic Level
H = High Logic Level
X = Irrelevant
P = Present State
R = Previous State
Serial Data present at the input is transferred
to the shift register on the logic “0” to logic “1”
transition of the CLOCK input pulse. On
succeeding CLOCK pulses, the registers shift data
information towards the SERIAL DATA OUT-
PUT. The SERIAL DATA must appear at the
input prior to the rising edge of the CLOCK input
waveform.
Information present at any register is trans-
ferred to the respective latch when the STROBE
is high (serial-to-parallel conversion). The
latches will continue to accept new data as long as
the STROBE is held high. Applications where
the latches are bypassed (STROBE tied high) will
require that the BLANKING input be high during
serial data entry.
When the BLANKING input is high, the
output source drivers are disabled (OFF); the
DMOS sink drivers are ON. The information
stored in the latches is not affected by the
BLANKING input. With the BLANKING input
low, the outputs are controlled by the state of
their respective latches.
TIMING CONDITIONS
(TA = +25°C, VDD = 12 V, Logic Levels are VDD and Ground)
A. Minimum Data Active Time Before Clock Pulse
(Data Set-Up Time) ...........................................................................
75 ns
B. Minimum Data Active Time After Clock Pulse
(Data Hold Time) ...............................................................................
75 ns
C. Minimum Data Pulse Width ............................................................. 150 ns
D. Minimum Clock Pulse Width ........................................................... 100 ns
E. Minimum Time Between Clock Activation and Strobe .................... 300 ns
F. Minimum Strobe Pulse Width .......................................................... 100 ns
G. Typical Time Between Strobe Activation and
Output Transition .............................................................................
750 ns
E
F
CLOCK
DATA IN
STROBE
BLANKING
OUTN
A
D
B
C
G
Dwg. No. A-12,649A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com