Electronic Components Datasheet Search
  English  ▼

X  

5910 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 5910
Description  HIGH-VOLTAGE BiMOS III 10-BIT SERIAL-INPUT, LATCHED DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5910 Datasheet(HTML) 3 Page - Allegro MicroSystems

  5910 Datasheet HTML 1Page - Allegro MicroSystems 5910 Datasheet HTML 2Page - Allegro MicroSystems 5910 Datasheet HTML 3Page - Allegro MicroSystems 5910 Datasheet HTML 4Page - Allegro MicroSystems 5910 Datasheet HTML 5Page - Allegro MicroSystems 5910 Datasheet HTML 6Page - Allegro MicroSystems 5910 Datasheet HTML 7Page - Allegro MicroSystems 5910 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5910
HIGH-VOLTAGE BiMOS III
10-BIT SERIAL-INPUT,
LATCHED DRIVERS
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 150 V (basic devices) or
140 V (suffix “-2”) unless otherwise noted.
Limits @ VDD = 5 V Limits @ V
DD = 12 V
Characteristic
Symbol
Test Conditions
Mln. Typ. Max.
Min. Typ. Max.
Units
Output Leakage Current
ICEX
VOUT = 0 V, TA = +70°C
–
-5.0
-15
–
-5.0
-15
µA
Output Voltage
VOUT(1)
Basic, IOUT = -40 mA
145
148
–
145
148
–
V
Suffix “-2”, IOUT = -40 mA
135
–
–
135
–
–
V
VOUT(0)
IOUT = 5 mA
–
2.5
3.2
–
2.0
3.2
V
IOUT = 10 mA
–
5.0
–
–
–
–
V
IOUT = 30 mA
–
–
–
–
12
25
V
Output Pull-Down Current
IOUT(0)
VOUT = 5 V to VBB
10
14
–
–
–
–
mA
VOUT = 20 V to VBB
–
–
–
25
40
–
mA
Input Voltage
VIN(1)
3.5
–
5.3
10.5
–
12.3
V
VIN(0)
-0.3
–
+0.8
-0.3
–
+0.8
V
Input Current
IIN(1)
VIN = VDD
–0.05
0.5
–0.05
1.0
µA
IIN(0)
VIN = 0.8 V
-0.3
–
-0.8
-0.3
–
-0.8
µA
Serial Data Output Voltage
VOUT(1)
IOUT = -200 µA
4.5
5.0
–
11.7
12
–
V
VOUT(0)
IOUT = 200 µA
–
200
250
–
200
250
mV
Maximum Clock Frequency
fclk
3.3
5.0
–
5.0
–
–
MHz
Supply Current
IDD(1)
All Outputs High
–
320
450
–
650
800
µA
IDD(0)
All Outputs Low
–
320
450
–
650
800
µA
IBB(1)
Outputs High, No Load
–
0.6
1.75
–
0.91.75
mA
IBB(0)
Outputs Low
–
10
100
–
10
100
µA
Blanking to Output Delay
tPHL
CL = 30 pF, 50% to 50%
–
0.7
0.9–
0.35
0.6
µs
tPLH
CL = 30 pF, 50% to 50%
–
0.91.3
–
0.35
0.6
µs
Output Fall Time
tf
CL = 30 pF, 90% to 10%
–
1.3
1.5
–
0.6
0.7
µs
Output Rise Time
tr
CL = 30 pF, 10% to 90%
–
1.2
1.5
–
1.0
1.2
µs
Negative current is defined as coming out of (sourcing) the specified device terminal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com