Electronic Components Datasheet Search
  English  ▼

X  

MP1469 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1469
Description  High-Efficiency, 1.5A, 16V, 500kHz Synchronous, Step-Down Converter In 6 Pin SOT 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1469 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1469 Datasheet HTML 1Page - Monolithic Power Systems MP1469 Datasheet HTML 2Page - Monolithic Power Systems MP1469 Datasheet HTML 3Page - Monolithic Power Systems MP1469 Datasheet HTML 4Page - Monolithic Power Systems MP1469 Datasheet HTML 5Page - Monolithic Power Systems MP1469 Datasheet HTML 6Page - Monolithic Power Systems MP1469 Datasheet HTML 7Page - Monolithic Power Systems MP1469 Datasheet HTML 8Page - Monolithic Power Systems MP1469 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MP1469 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1469 Rev. 1.01
www.MonolithicPower.com
3
8/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IIN
VEN = 0V
1
μA
Supply Current (Quiescent)
Iq
VEN = 2V, VFB = 1V
0.83
mA
HS Switch-On Resistance
HSRDS-ON VBST-SW=5V
255
mΩ
LS Switch-On Resistance
LSRDS-ON Vcc=5V
160
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW =12V
1
μA
Current Limit
(5)
ILIMIT
2.5
3.0
A
AAM Peak Current
IAAM_PEAK
0.5
A
Oscillator Frequency
fSW
VFB=0.75V
400
490
580
kHz
Maximum Duty Cycle
DMAX
VFB=700mV
88
92
%
Minimum On Time
(5)
tON_MIN
90
ns
Feedback Voltage
VFB
776
800
824
mV
EN Rising Threshold
VEN_RISING
1.4
1.5
1.6
V
EN Falling Threshold
VEN_FALLING
1.23
1.32
1.41
V
VEN=2V
1.6
μA
EN Input Current
IEN
VEN=0
0
μA
VIN Under-Voltage Lockout
Threshold—Rising
INUVVth
3.85
4.2
4.55
V
VIN Under-Voltage Lockout
Threshold—Hysteresis
INUVHYS
340
mV
Soft-Start Period
tSS
1
ms
Thermal Shutdown
(5)
150
°C
Thermal Hysteresis
(5)
20
°C
Notes:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com