Electronic Components Datasheet Search
  English  ▼

X  

MP1469 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1469
Description  High-Efficiency, 1.5A, 16V, 500kHz Synchronous, Step-Down Converter In 6 Pin SOT 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1469 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1469 Datasheet HTML 1Page - Monolithic Power Systems MP1469 Datasheet HTML 2Page - Monolithic Power Systems MP1469 Datasheet HTML 3Page - Monolithic Power Systems MP1469 Datasheet HTML 4Page - Monolithic Power Systems MP1469 Datasheet HTML 5Page - Monolithic Power Systems MP1469 Datasheet HTML 6Page - Monolithic Power Systems MP1469 Datasheet HTML 7Page - Monolithic Power Systems MP1469 Datasheet HTML 8Page - Monolithic Power Systems MP1469 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP1469
High-Efficiency, 1.5A, 16V, 500kHz
Synchronous, Step-Down Converter
In 6 Pin SOT 23
MP1469 Rev. 1.01
www.MonolithicPower.com
1
8/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1469 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with internal power MOSFETs. It offers a very
compact solution to achieve a 1.5A continuous
output current over a wide input supply range,
with excellent load and line regulation. The
MP1469 has synchronous-mode operation for
higher efficiency over the output current-load
range.
Current-mode operation provides fast transient
response and eases loop stabilization.
Protection
features
include
over-current
protection and thermal shutdown.
The MP1469 requires a minimal number of
readily-available,
standard,
external
components and is available in a space-saving
6-pin TSOT23 package.
FEATURES
• Wide 4.7V-to-16V Operating Input Range
• 255mΩ/160mΩ Low-RDS(ON) Internal Power
MOSFETs
• Proprietary Switching-Loss–Reduction
Technique
• High-Efficiency Synchronous-Mode
Operation
• Fixed 500kHz Switching Frequency
• AAM Power-Save Mode for High Efficiency
at Light Load
• Internal Soft-Start
• Over-Current Protection and Hiccup
• Thermal Shutdown
• Output Adjustable from 0.8V
• Available in a 6-pin TSOT-23 package
APPLICATIONS
• GameStations
• Digital Set-Top Boxes
• Flat-Panel Television and Monitors
• General Purposes
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
R2
13k
R1
40.2k
R3
59k
IN
U1
GND
MP1469
2
6
VOUT
3
4
1
5
EN
FB
SW
BST
3.3V/1.5A
EN
GND
0.01
0.1
1
10
50
55
60
65
70
75
80
85
90
95
100


Similar Part No. - MP1469

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
MP14 SELEC-MP14 Datasheet
306Kb / 1P
Digital Power Factor Meter
MP14-110V SELEC-MP14-110V Datasheet
306Kb / 1P
Digital Power Factor Meter
MP14-110V-CU SELEC-MP14-110V-CU Datasheet
306Kb / 1P
Digital Power Factor Meter
MP14-CU SELEC-MP14-CU Datasheet
306Kb / 1P
Digital Power Factor Meter
logo
Monolithic Power System...
MP1400 MPS-MP1400 Datasheet
527Kb / 15P
7V Input, 0.6A Peak, 1.5MHz Negative DCDC Power Converter In 8-ball CSP Package
More results

Similar Description - MP1469

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1470 MPS-MP1470 Datasheet
459Kb / 16P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1471 MPS-MP1471 Datasheet
491Kb / 17P
High-Efficiency, 3A Peak, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1471A MPS-MP1471A Datasheet
1Mb / 17P
High-Efficiency, 3A 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1474S MPS-MP1474S Datasheet
621Kb / 19P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494S MPS-MP1494S Datasheet
1Mb / 17P
High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com