Electronic Components Datasheet Search
  English  ▼

X  

MP1469 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1469
Description  High-Efficiency, 1.5A, 16V, 500kHz Synchronous, Step-Down Converter In 6 Pin SOT 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1469 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1469 Datasheet HTML 7Page - Monolithic Power Systems MP1469 Datasheet HTML 8Page - Monolithic Power Systems MP1469 Datasheet HTML 9Page - Monolithic Power Systems MP1469 Datasheet HTML 10Page - Monolithic Power Systems MP1469 Datasheet HTML 11Page - Monolithic Power Systems MP1469 Datasheet HTML 12Page - Monolithic Power Systems MP1469 Datasheet HTML 13Page - Monolithic Power Systems MP1469 Datasheet HTML 14Page - Monolithic Power Systems MP1469 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP1469 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1469 Rev. 1.01
www.MonolithicPower.com
11
8/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds
150°C, it shuts down the whole chip. When the
temperature falls below its lower threshold
(typically 130°C) the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection, with a
rising threshold of 2.2V and a hysteresis of
150mV. VIN regulates the bootstrap capacitor
voltage internally through D1, M1, R4, C4, L1
and C2 (Figure 3). If (VIN-VSW) exceeds 5V,U2
will regulate M1 to maintain a 5V BST voltage
across C4.
U2
VIN
U1
5V
D1
M1
R4
C4
SW
L1
C2
VOUT
Figure 3: Internal Bootstrap Charging
Startup and Shutdown Circuit
If both VIN and EN exceed their appropriate
thresholds, the chip starts. The reference block
starts first, generating stable reference voltage
and currents, and then the internal regulator is
enabled. The regulator provides a stable supply
for the remaining circuits.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. In the shutdown
procedure starts by initially blocking the
signaling path to avoid any fault triggering. The
COMP voltage and the internal supply rail are
then pulled down. The floating driver is not
subject to this shutdown command.
AAM Operation
The
MP1469
has
AAM
(Advanced
Asynchronous Modulation) power save mode
for light load. The AAM voltage is set at 0.5V
internally. Under the heavy load condition, the
VCOMP is higher than VAAM. When clock goes
high, the high-side power MOSFET turns on
and remains on until VILsense reaches the value
set by the COMP voltage. The internal clock
resets every time when VCOMP is higher than
VAAM.
Under the light load condition, the value of
VCOMP is low. When VCOMP is less than VAAM and
VFB is less than VREF, VCOMP ramps up until it
exceeds VAAM, during this time, the internal
clock is blocked, thus the MP1469 skips some
pulses for PFM (Pulse Frequency Modulation)
mode and achieves the light load power save.
VAAM
Clock
VOUT
R1
1.2pF
47pF 500k
20k
R2
VREF
VFB
VIL sense
VCOMP
HS_driver
+
-
QS
R
+
-
Figure 4—Simplified AAM Control Logic
When the load current is light, the inductor peak
current is set internally which is about 340mA
for VIN=12V, VOUT=3.3V, and L=6.5μH.The
curve of inductor peak current vs. inductor is
shown in Figure 5.
Inductor Peak Current
vs. Inductor
0
0.2
0.4
0.6
0.8
1
1.2
01
2345
67
Figure5—Inductor Peak Current vs. Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com