Electronic Components Datasheet Search
  English  ▼

X  

MP1583 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1583
Description  3A, 23V, 385KHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1583 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1583 Datasheet HTML 1Page - Monolithic Power Systems MP1583 Datasheet HTML 2Page - Monolithic Power Systems MP1583 Datasheet HTML 3Page - Monolithic Power Systems MP1583 Datasheet HTML 4Page - Monolithic Power Systems MP1583 Datasheet HTML 5Page - Monolithic Power Systems MP1583 Datasheet HTML 6Page - Monolithic Power Systems MP1583 Datasheet HTML 7Page - Monolithic Power Systems MP1583 Datasheet HTML 8Page - Monolithic Power Systems MP1583 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP1583 – 3A, 23V, 385KHz STEP-DOWN CONVERTER
MP1583 Rev. 3.1
www.MonolithicPower.com
3
6/20/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Shutdown Supply Current
VEN = 0V
20
30
µA
Supply Current
VEN = 2.8V, VFB =1.4V
1.0
1.2
mA
Feedback Voltage
VFB
4.75V
≤ VIN ≤ 23V
1.194 1.222 1.250
V
Error Amplifier Voltage Gain
AVEA
400
V/V
Error Amplifier Transconductance
GEA
ΔICOMP = ±10μA
500
800
1120
µA/V
High-Side Switch On-Resistance
RDS(ON)1
0.1
Ω
Low-Side Switch On-Resistance
RDS(ON)2
10
Ω
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V
0
10
µA
Current Limit
4.0
4.9
6.0
A
Current Sense to COMP Transconductance
GCS
3.8
A/V
Oscillation Frequency
fS
335
385
435
KHz
Short Circuit Oscillation Frequency
VFB = 0V
25
40
55
KHz
Maximum Duty Cycle
DMAX
VFB = 1.0V
90
%
Minimum Duty Cycle
VFB = 1.5V
0
%
EN Shutdown Threshold Voltage
0.9
1.2
1.5
V
Enable Pull Up Current
VEN = 0V
1.1
1.8
2.5
µA
EN UVLO Threshold
VEN Rising
2.37
2.54
2.71
V
EN UVLO Threshold Hysteresis
210
mV
Soft-Start Period
CSS = 0.1µF
10
ms
Thermal Shutdown
160
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com