Electronic Components Datasheet Search
  English  ▼

X  

MP1583 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP1583
Description  3A, 23V, 385KHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1583 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP1583 Datasheet HTML 5Page - Monolithic Power Systems MP1583 Datasheet HTML 6Page - Monolithic Power Systems MP1583 Datasheet HTML 7Page - Monolithic Power Systems MP1583 Datasheet HTML 8Page - Monolithic Power Systems MP1583 Datasheet HTML 9Page - Monolithic Power Systems MP1583 Datasheet HTML 10Page - Monolithic Power Systems MP1583 Datasheet HTML 11Page - Monolithic Power Systems MP1583 Datasheet HTML 12Page - Monolithic Power Systems MP1583 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MP1583 – 3A, 23V, 385KHz STEP-DOWN CONVERTER
MP1583 Rev. 3.1
www.MonolithicPower.com
9
6/20/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
To optimize the compensation components for
conditions not listed in Table 2, the following
procedure can be used.
1. Choose the compensation resistor (R3) to set
the desired crossover frequency. Determine R3
by the following equation:
FB
OUT
CS
EA
C
V
V
G
G
f
2
C
2
3
R
×
×
×
×
π
=
Where fC is the desired crossover frequency
(which typically has a value no higher than
38KHz).
2. Choose the compensation capacitor (C3) to
achieve
the
desired
phase
margin.
For
applications with typical inductor values, setting
the compensation zero, fZ1, below one forth of
the crossover frequency provides sufficient
phase margin. Determine C3 by the following
equation:
C
f
3
R
2
4
3
C
×
×
π
>
Where R3 is the compensation resistor value.
3. Determine if the second compensation
capacitor (C6) is required. It is required if the
ESR zero of the output capacitor is located at
less than half of the 385KHz switching
frequency, or if the following relationship is valid:
2
f
R
2
C
2
1
S
ESR
<
×
×
π
If this is the case, then add the second
compensation capacitor (C6) to set the pole fP3
at the location of the ESR zero. Determine C6
by the equation:
3
R
R
2
C
6
C
ESR
×
=
PCB Layout Guide
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take Figure2 and 3 for references.
1) Keep the path of switching current short
and minimize the loop area formed by Input
cap, high-side and low-side MOSFETs.
2) Keep the connection of low-side MOSFET
between SW pin and input power ground
as short and wide as possible.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors
and compensation components as close to
the chip as possible.
4) Route SW away from sensitive analog
areas such as FB.
5) Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance
and long-term reliability. For single layer,
do not solder exposed pad of the IC
C1
D1
R1
C2
R4
SGND
PGND
L1
C3
C6
R2
R3
SGND
Figure 2―PCB Layout (Single Layer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com