Electronic Components Datasheet Search
  English  ▼

X  

MP1583 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1583
Description  3A, 23V, 385KHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1583 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1583 Datasheet HTML 1Page - Monolithic Power Systems MP1583 Datasheet HTML 2Page - Monolithic Power Systems MP1583 Datasheet HTML 3Page - Monolithic Power Systems MP1583 Datasheet HTML 4Page - Monolithic Power Systems MP1583 Datasheet HTML 5Page - Monolithic Power Systems MP1583 Datasheet HTML 6Page - Monolithic Power Systems MP1583 Datasheet HTML 7Page - Monolithic Power Systems MP1583 Datasheet HTML 8Page - Monolithic Power Systems MP1583 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP1583
3A, 23V, 385KHz
Step-Down Converter
MP1583 Rev. 3.1
www.MonolithicPower.com
1
6/20/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1583 is a step-down regulator with a
built-in internal Power MOSFET. It achieves 3A
of continuous output current over a wide input
supply range with excellent load and line
regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault
condition
protection
includes
cycle-by-cycle current limiting and thermal
shutdown. An adjustable soft-start reduces the
stress on the input source at startup. In
shutdown mode the regulator draws 20μA of
supply current.
The MP1583 requires a minimum number of
external components, providing a compact
solution.
FEATURES
• 3A Output Current
• Programmable Soft-Start
• 100mΩ Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic Capacitors
• Up to 95% Efficiency
• 20μA Shutdown Mode
• Fixed 385KHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.75V to 23V Operating Input Range
• Output Adjustable from 1.22V to 21V
• Under-Voltage Lockout
APPLICATIONS
• Distributed Power Systems
• Battery Chargers
• Pre-Regulator for Linear Regulators
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
INPUT
4.75V to 23V
OUTPUT
2.5V
3A
MP1583
BS
IN
FB
SW
SS
GND
COMP
EN
1
3
5
6
4
8
7
2
OPEN =
AUTOMATIC
STARTUP
10nF
5.6nF
10nF
10
μ F
CERAMIC
22
μ F
CERAMIC
3.9k
Ω
10k
Ω
10.5k
Ω
15
μ H
B330A
MP1583_EC01
Efficiency Curve
VIN = 10V
100
90
80
70
60
50
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5
LOAD CURRENT (A)
VOUT=5.0V
VOUT=2.5V
VOUT=3.3V


Similar Part No. - MP1583

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1583DN MPS-MP1583DN Datasheet
211Kb / 4P
3A MP1583 Step Down Converter
More results

Similar Description - MP1583

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1593 MPS-MP1593 Datasheet
299Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355_06 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
logo
Richtek Technology Corp...
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
3A 23V Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6180 FEELING-FP6180 Datasheet
1Mb / 13P
3A, 23V, 380KHz Step-Down Converter
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1423 MPS-MP1423 Datasheet
323Kb / 11P
3A, 23V, 385KHz Step-Down Converter
1/6/2006 Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com