Electronic Components Datasheet Search
  English  ▼

X  

MP1583 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1583
Description  3A, 23V, 385KHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1583 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1583 Datasheet HTML 1Page - Monolithic Power Systems MP1583 Datasheet HTML 2Page - Monolithic Power Systems MP1583 Datasheet HTML 3Page - Monolithic Power Systems MP1583 Datasheet HTML 4Page - Monolithic Power Systems MP1583 Datasheet HTML 5Page - Monolithic Power Systems MP1583 Datasheet HTML 6Page - Monolithic Power Systems MP1583 Datasheet HTML 7Page - Monolithic Power Systems MP1583 Datasheet HTML 8Page - Monolithic Power Systems MP1583 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP1583 – 3A, 23V, 385KHz STEP-DOWN CONVERTER
MP1583 Rev. 3.1
www.MonolithicPower.com
5
6/20/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name Description
7
EN
Enable/UVLO. A voltage greater than 2.71V enables operation. For complete low
current shutdown the EN pin voltage needs to be at less than 900mV. When the
voltage on EN exceeds 1.2V, the internal regulator will be enabled and the soft-start
capacitor will begin to charge. The MP1583 will start switching after the EN pin
voltage reaches 2.71V. There is 7V zener connected between EN and GND. If EN is
driven by external signal, the voltage should never exceed 7V.
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor from SS to GND to
set the soft-start period. To disable the soft-start feature, leave SS unconnected.
OPERATION
The MP1583 is a current-mode step-down
regulator. It regulates input voltages from 4.75V to
23V down to an output voltage as low as 1.222V,
and is able to supply up to 3A of load current.
The MP1583 uses current-mode control to
regulate the output voltage. The output voltage is
measured at FB through a resistive voltage
divider and amplified through the internal error
amplifier.
The
output
current
of
the
transconductance error amplifier is presented at
COMP where a RC network compensates the
regulation control system.
The voltage at COMP is compared to the
internally measured switch current to control the
output voltage.
The converter uses an internal N-Channel
MOSFET switch to step-down the input voltage to
the regulated output voltage. Since the MOSFET
requires a gate voltage greater than the input
voltage, a boost capacitor connected between
SW and BS drives the gate. The capacitor is
internally charged when SW is low.
An internal 10Ω switch from SW to GND is used
to insure that SW is pulled to GND when SW is
low in order to fully charge the BS capacitor.
LOCKOUT
COMPARATOR
ERROR
AMPLIFIER
FREQUENCY
FOLDBACK
COMPARATOR
GM = 800
μ A/V
INTERNAL
REGULATORS
1
μ A
7V
1.8V
SLOPE
COMP
CLK
CURRENT
COMPARATOR
CURRENT
SENSE
AMPLIFIER
SHUTDOWN
COMPARATOR
SS
8
COMP
6
IN 2
EN 7
GND
4
OSCILLATOR
40/385KHz
S
R
Q
SW
3
BS
1
5V
+
Σ
Q
1.2V
+
+
2.54V
+
1.222V
0.7V
+
+
FB
5
--
--
--
--
--
--
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com