Electronic Components Datasheet Search
  English  ▼

X  

MP1586 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1586
Description  3A, 28V, 50kHz to 400kHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1586 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1586 Datasheet HTML 1Page - Monolithic Power Systems MP1586 Datasheet HTML 2Page - Monolithic Power Systems MP1586 Datasheet HTML 3Page - Monolithic Power Systems MP1586 Datasheet HTML 4Page - Monolithic Power Systems MP1586 Datasheet HTML 5Page - Monolithic Power Systems MP1586 Datasheet HTML 6Page - Monolithic Power Systems MP1586 Datasheet HTML 7Page - Monolithic Power Systems MP1586 Datasheet HTML 8Page - Monolithic Power Systems MP1586 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP1586 – 3A, 28V, 50kHz TO 400kHz STEP-DOWN CONVERTER
MP1586 Rev. 0.91
www.MonolithicPower.com
5
1/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT=5V, FSW=250kHz, C1 = 10µF, C2 = 2×22µF, L1= 22µH and TA = +25°C, unless
otherwise noted.
Oscillating Frequency vs.
RFREQ
Efficiency vs.
Load Current
VOUT=2.5V, FSW=250kHz
Efficiency vs.
Load Current
VOUT=3.3V, FSW=250kHz
40
50
60
70
80
90
100
0.01
0.1
1
10
LOAD CURRENT(A)
VIN=5V
VIN=12V
VIN=24V
40
50
60
70
80
90
100
0.01
0.1
1
10
LOAD CURRENT(A)
VIN=8V
VIN=12V
VIN=24V
0
50
100
150
200
250
300
350
400
450
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com