Electronic Components Datasheet Search
  English  ▼

X  

MP1586 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1586
Description  3A, 28V, 50kHz to 400kHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1586 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1586 Datasheet HTML 7Page - Monolithic Power Systems MP1586 Datasheet HTML 8Page - Monolithic Power Systems MP1586 Datasheet HTML 9Page - Monolithic Power Systems MP1586 Datasheet HTML 10Page - Monolithic Power Systems MP1586 Datasheet HTML 11Page - Monolithic Power Systems MP1586 Datasheet HTML 12Page - Monolithic Power Systems MP1586 Datasheet HTML 13Page - Monolithic Power Systems MP1586 Datasheet HTML 14Page - Monolithic Power Systems MP1586 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP1586 – 3A, 28V, 50kHz TO 400kHz STEP-DOWN CONVERTER
MP1586 Rev. 0.91
www.MonolithicPower.com
11
1/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Table 1—Inductor Selection Guide
Part Number
Inductance (µH)
Max DCR (Ω) Current Rating (A)
Dimensions
L x W x H (mm
3)
Wurth Electronics
744066100
10
0.035
3.6
10x10x3.8
744770115
15
0.027
5
12x12x8
744770122
22
0.043
4.1
12x12x8
TDK
SLF12565T-100M4R8
10
0.0202
4.8
12.5x12.5x6.5
SLF12565T-150M4R2
15
0.0237
4.2
12.5x12.5x6.5
SLF12565T-220M3R5
22
0.0316
3.5
12.5x12.5x6.5
Toko
919AS-100M
10
0.0265
4.3
10.3x10.3x4.5
931BS-150M
15
0.0158
4.6
12.3x12.3x8
931BS-220M
22
0.0283
3.9
12.3x12.3x8
Output Rectifier Diode
The output rectifier diode supplies the current to
the inductor when the high-side switch is off. To
reduce losses due to the diode forward voltage
and recovery times, use a Schottky diode.
Choose a diode whose maximum reverse
voltage rating is greater than the maximum
input voltage, and whose current rating is
greater than the maximum load current. Table 2
lists
example
Schottky
diodes
and
manufacturers.
Table 2—Diode Selection Guide
Diodes
Voltage/
Current
Rating
Manufacturer
B340A-13-F
40V, 3A
Diodes Inc.
CMSH3-40MA
40V, 3A
Central Semi
Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required to
supply the AC current to the step-down converter
while maintaining the DC input voltage. Use low
ESR capacitors for the best performance. Ceramic
capacitors are preferred, but tantalum or low-ESR
electrolytic capacitors may also suffice.
For simplification, choose the input capacitor
with RMS current rating greater than half of the
maximum load current.
The input capacitor (C1) can be electrolytic,
tantalum or ceramic. When using electrolytic or
tantalum capacitors, a small, high quality
ceramic capacitor, i.e. 0.1μF, should be placed
as close to the IC as possible. When using
ceramic capacitors, make sure that they have
enough capacitance to provide sufficient charge
to prevent excessive voltage ripple at input. The
input voltage ripple caused by capacitance can
be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
=
Δ
IN
OUT
IN
OUT
S
LOAD
IN
V
V
1
V
V
1
C
f
I
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com