Electronic Components Datasheet Search
  English  ▼

X  

MP1586 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1586
Description  3A, 28V, 50kHz to 400kHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1586 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1586 Datasheet HTML 8Page - Monolithic Power Systems MP1586 Datasheet HTML 9Page - Monolithic Power Systems MP1586 Datasheet HTML 10Page - Monolithic Power Systems MP1586 Datasheet HTML 11Page - Monolithic Power Systems MP1586 Datasheet HTML 12Page - Monolithic Power Systems MP1586 Datasheet HTML 13Page - Monolithic Power Systems MP1586 Datasheet HTML 14Page - Monolithic Power Systems MP1586 Datasheet HTML 15Page - Monolithic Power Systems MP1586 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP1586 – 3A, 28V, 50kHz TO 400kHz STEP-DOWN CONVERTER
MP1586 Rev. 0.91
www.MonolithicPower.com
12
1/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Output Capacitor
The output capacitor (C2) is required to
maintain the DC output voltage. Ceramic,
tantalum, or low ESR electrolytic capacitors are
recommended.
Low
ESR
capacitors
are
preferred to keep the output voltage ripple low.
The output voltage ripple can be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
Δ
2
C
f
8
1
R
V
V
1
L
f
V
V
S
ESR
IN
OUT
S
OUT
OUT
Where L is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
In the case of ceramic capacitors, the
impedance at the switching frequency is
dominated by the capacitance. The output
voltage ripple is mainly caused by the
capacitance. For simplification, the output
voltage ripple can be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
×
=
IN
OUT
2
S
OUT
OUT
V
V
1
2
C
L
f
8
V
ΔV
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the
output ripple can be approximated to:
ESR
IN
OUT
S
OUT
OUT
R
V
V
1
L
f
V
ΔV
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP1586 can be optimized for a wide range of
capacitance and ESR values.
Compensation Components
MP1586 employs current mode control for easy
compensation and fast transient response. The
system stability and transient response are
controlled through the COMP pin. COMP pin is
the output of the internal error amplifier. A
series capacitor-resistor combination sets a
pole-zero
combination
to
control
the
characteristics of the control system. The DC
gain of the voltage feedback loop is given by:
OUT
FB
VEA
CS
LOAD
VDC
V
V
A
G
R
A
×
×
×
=
Where AVEA is the error amplifier voltage gain,
200V/V;
GCS
is
the
current
sense
transconductance, 9A/V; RLOAD is the load
resistor value.
The system has two poles of importance. One
is due to the compensation capacitor (C3), the
output resistor of error amplifier. The other is
due to the output capacitor and the load resistor.
These poles are located at:
VEA
EA
1
P
A
3
C
2
G
f
×
×
π
=
LOAD
2
P
R
2
C
2
1
f
×
×
π
=
Where,
GEA
is
the
error
amplifier
transconductance, 60μA/V.
The system has one zero of importance, due to
the compensation capacitor (C3) and the
compensation resistor (R3). This zero is located
at:
3
R
3
C
2
1
f 1
Z
×
×
π
=
The system may have another zero of
importance, if the output capacitor has a large
capacitance and/or a high ESR value. The zero,
due to the ESR and capacitance of the output
capacitor, is located at:
ESR
ESR
R
2
C
2
1
f
×
×
π
=
In this case (as shown in Figure 2), a third pole
set by the compensation capacitor (C6) and the
compensation
resistor
(R3)
is
used
to
compensate the effect of the ESR zero on the
loop gain. This pole is located at:
3
R
6
C
2
1
f 3
P
×
×
π
=
The goal of compensation design is to shape
the converter transfer function to get a desired
loop gain. The system crossover frequency
where the feedback loop has the unity gain is
important. Lower crossover frequencies result
in slower line and load transient responses,
while higher crossover frequencies could cause
system unstable. A good rule of thumb is to set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com