Electronic Components Datasheet Search
  English  ▼

X  

MP1586 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP1586
Description  3A, 28V, 50kHz to 400kHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1586 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP1586 Datasheet HTML 8Page - Monolithic Power Systems MP1586 Datasheet HTML 9Page - Monolithic Power Systems MP1586 Datasheet HTML 10Page - Monolithic Power Systems MP1586 Datasheet HTML 11Page - Monolithic Power Systems MP1586 Datasheet HTML 12Page - Monolithic Power Systems MP1586 Datasheet HTML 13Page - Monolithic Power Systems MP1586 Datasheet HTML 14Page - Monolithic Power Systems MP1586 Datasheet HTML 15Page - Monolithic Power Systems MP1586 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP1586 – 3A, 28V, 50kHz TO 400kHz STEP-DOWN CONVERTER
MP1586 Rev. 0.91
www.MonolithicPower.com
14
1/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
C3
820pF
C6
NS
C4
100nF
L1
10uH
C2
2x22uF
6.3V
VOUT
1.8V
VIN
VIN
EN
FREQ
GND
BST
5
8
1
4
3
7
2
6
SW
FB
COMP
MP1586
EN
Figure 3—1.8V Output Typical Application Schematic
C3
680pF
C6
NS
C4
100nF
D1
VOUT
3.3V
VIN
VIN
EN
FREQ
GND
BST
5
8
1
4
3
7
2
6
SW
FB
COMP
MP1586
EN
L1
15uH
Figure 4—3.3V Output Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com