Electronic Components Datasheet Search
  English  ▼

X  

MP1740 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1740
Description  3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1740 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1740 Datasheet HTML 1Page - Monolithic Power Systems MP1740 Datasheet HTML 2Page - Monolithic Power Systems MP1740 Datasheet HTML 3Page - Monolithic Power Systems MP1740 Datasheet HTML 4Page - Monolithic Power Systems MP1740 Datasheet HTML 5Page - Monolithic Power Systems MP1740 Datasheet HTML 6Page - Monolithic Power Systems MP1740 Datasheet HTML 7Page - Monolithic Power Systems MP1740 Datasheet HTML 8Page - Monolithic Power Systems MP1740 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP1740 –3W HIGH EFFCIENCY MONO CLASS-D AUDIO AMPLIFIER
MP1740 Rev. 1.0
www.MonolithicPower.com
3
1/5/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved
ELECTRICAL CHARACTERISTICS
TA = +25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Offset Voltage
|VOS|
VI=0V, Av=2V/V, VCC=2.5V to
5.5V
1
25
mV
Power
Supply
Rejection
Ratio
PSRR
VCC=2.5V to 5.5V
-70
-45
dB
Common Mode Rejection
Ratio
CMRR
VCC=2.5V to 5.5V,
VIC=1/2VCC to 0.5V,
VIC=1/2VCC to VCC -0.8V
-70
dB
High-level Input Current
IIH
VCC=5.5V,
VI=5.5V,RI=150kΩ
20
30
μA
Low-level Input Current
IIL
VCC=5.5V,
VI=0V,RI=150kΩ
20
30
μA
VCC=5.5V, no load, switching
2.7
5.8
VCC=3.6V, no load, switching
2
4.6
Quiescent Current
IQ
VCC=2.5V, no load, switching
1.6
3.6
mA
Shut down Current
Ids
VEN=0, VCC=2.5V to 5.5V
0.5
2
μA
VEN Enable L-H
VCC=2.5V to 5.5V
1.6
V
VEN Enable H-L
VCC=2.5V to 5.5V
0.4
V
UVLO_H
VCC from Low to High
2.4
2.48
V
UVLO_L
VCC from High to Low
1.95
2.1
V
VCC=5.5V
250
VCC=3.6V
300
Static On-state Resistance
Rds_on
VCC=2.5V
360
mΩ
Output
impedance
in
disable
RO
VEN<0.8V
2
kΩ
Switching frequency
FSW
VCC=2.5V to 5.5V
200
250
300
kHz
GAIN (VO/VI)
RI =15 kΩ, no load
19
20
21
V/V
RPD
Resistance from EN to GND
300
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com