Electronic Components Datasheet Search
  English  ▼

X  

MP1740 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1740
Description  3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1740 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1740 Datasheet HTML 1Page - Monolithic Power Systems MP1740 Datasheet HTML 2Page - Monolithic Power Systems MP1740 Datasheet HTML 3Page - Monolithic Power Systems MP1740 Datasheet HTML 4Page - Monolithic Power Systems MP1740 Datasheet HTML 5Page - Monolithic Power Systems MP1740 Datasheet HTML 6Page - Monolithic Power Systems MP1740 Datasheet HTML 7Page - Monolithic Power Systems MP1740 Datasheet HTML 8Page - Monolithic Power Systems MP1740 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MPS
CONFIDENTIAL
DO
N
OT
DISTRI
BUTE
MP1740 –3W HIGH EFFCIENCY MONO CLASS-D AUDIO AMPLIFIER
MPS CONFIDENTIAL AND PROPRIETARY INFORMATION – INTERNAL USE ONLY
MP1740MP1740 Rev. 1.0
4
1/5/2012
OPERATION CHARACTERISTICS
VCC=AVCC=PVCC=EN, AGND = PGND = 0V, signal frequency fs=1kHz, RI=150 Ω, Gain=2 V/V,
CI=2.2uF, T A = +25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VCC=5.5V
2.82
VCC=5V
2.32
VCC=3.6V
1.16
THD+N=1%,
fS=1kHz,
RL=4Ω
VCC=2.5V
0.54
VCC=5.5V
3.62
VCC=5V
3.0
VCC=3.6V
1.51
THD+N=10%,
fS=1kHz,
RL=4Ω
VCC=2.5V
0.70
VCC=5.5V
1.65
VCC=5V
1.36
VCC=3.6V
0.71
THD+N=1%,
fS=1kHz,
RL=8Ω
VCC=2.5V
0.33
VCC=5.5V
2.12
VCC=5V
1.74
VCC=3.6V
0.91
Output Power
POUT
THD+N=10%,
fS=1kHz,
RL=8Ω
VCC=2.5V
0.42
W
POUT=2W, fS=1kHz,
RL=4Ω
VCC=5V
0.19%
POUT=1W, fS=1kHz,
RL=4Ω
VCC=3.6V
0.14%
POUT=0.4W, fS=1kHz,
RL=4Ω
VCC=2.5V
0.11%
POUT=1W, fS=1kHz,
RL=8Ω
VCC=5V
0.11%
POUT=0.5W, fS=1kHz,
RL=8Ω
VCC=3.6V
0.12%
Total Distorsion Plus
Noise
THD+N
POUT=0.2W, fS=1kHz,
RL=8Ω
VCC=2.5V
0.13%
Supply
Ripple
Rejection Ratio
KSVR
fRIPPLE=217Hz,
VRIPPLE=400mVpp,
input AC-ground with
CI=0.22μF
VCC=5V
-62
dB
Signal to Noise Ratio
SNR
POUT=1W,
RL=8Ω
97.7
dB
No
weighting
53
Output Noise
Vn
VCC=5V,
f=20
to
20kHz,
input
AC-
ground
with
CI=0.22μF
A-weighting
37
μVRMS
Common
Mode
Rejection Ratio
CMRR
VIC-RIPPLE=1 VPP,
fRIPPLE =217Hz
VCC=5V
-65
dB
Start-up Time From
Disable
TS
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com