Electronic Components Datasheet Search
  English  ▼

X  

MP1740 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1740
Description  3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1740 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1740 Datasheet HTML 1Page - Monolithic Power Systems MP1740 Datasheet HTML 2Page - Monolithic Power Systems MP1740 Datasheet HTML 3Page - Monolithic Power Systems MP1740 Datasheet HTML 4Page - Monolithic Power Systems MP1740 Datasheet HTML 5Page - Monolithic Power Systems MP1740 Datasheet HTML 6Page - Monolithic Power Systems MP1740 Datasheet HTML 7Page - Monolithic Power Systems MP1740 Datasheet HTML 8Page - Monolithic Power Systems MP1740 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP1740 –3W HIGH EFFCIENCY MONO CLASS-D AUDIO AMPLIFIER
MP1740 Rev. 1.0
www.MonolithicPower.com
5
1/5/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved
PIN FUNCTIONS
Ball
WLCSP
Name
Input/Ouput
/Power
(I/O/P)
Description
A1
INP
I
Positive differential input
A2
AGND
P
Analog Ground
A3
VON
O
Negative BTL output
B1
AVCC
P
Analog Power Supply
B2
PVCC
P
Power Supply
B3
PGND
P
Power Ground
C1
INN
I
Negative differential input
C2
EN
I
Enable Input. (drive high to enable the MP1740)
C3
VOP
O
Positive BTL output
TYPICAL PERFORMANCE CHARACTERISTICS
TEST SET-UP FOR GRAPHS
+
-
EN
VCC
Cs
40kHz Low
Pass Filter
Measurement
Output
CI
Load
CI
+
-
Measurement
Input
0.22uF
Cs
0.22uF
Cs
10uF
MP1740
EN
AVCC
AGND
INP
INN
VON
PGND
PVCC
VOP
RI
RI
Notes:
5) CI was Shorted for any Common-Mode input voltage measurement
6) A 33µH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
7) The 40 kHz low-pass filter is required even if the analyzer has a low-pass filter.
8)
For PSRR test, Please remove the great 10uF decoupling capacitor and just keep the small decoupling capacitors for recovery switching
currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com