Electronic Components Datasheet Search
  English  ▼

X  

MP1740 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1740
Description  3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1740 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1740 Datasheet HTML 3Page - Monolithic Power Systems MP1740 Datasheet HTML 4Page - Monolithic Power Systems MP1740 Datasheet HTML 5Page - Monolithic Power Systems MP1740 Datasheet HTML 6Page - Monolithic Power Systems MP1740 Datasheet HTML 7Page - Monolithic Power Systems MP1740 Datasheet HTML 8Page - Monolithic Power Systems MP1740 Datasheet HTML 9Page - Monolithic Power Systems MP1740 Datasheet HTML 10Page - Monolithic Power Systems MP1740 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP1740 –3W HIGH EFFCIENCY MONO CLASS-D AUDIO AMPLIFIER
MP1740 Rev. 1.0
www.MonolithicPower.com
10
1/5/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved
TYPICAL APPLICATION CIRCUIT
Differential
Input
EN
AVCC
AGND
INP
MP1740
INN
VON
PGND
PVCC
VOP
RI
RI
IN+
IN-
OUT+
OUT-
EN
To Battery
Cs
Cs
Figure 2—MP1740 Application Schematic with Differential Input
(input DC-biased voltage is within the recommended common-mode voltage range)
Differential
Input
MP1740
EN
AVCC
AGND
INP
INN
VON
PGND
PVCC
VOP
RI
RI
IN+
IN-
OUT+
OUT-
EN
To Battery
Cs
CI
Cs
CI
Figure 3—MP1740 Application Schematic with Differential Input
(input DC-biased voltage is out of the recommended common-mode voltage range)
MP1740
EN
AVCC
AGND
INP
INN
VON
PGND
PVCC
VOP
RI
CI
CI
RI
OUT+
OUT-
EN
To Battery
Cs
Cs
Single-ended
Input
Figure 4—MP1740 Application Schematic with Single-Ended Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com