Electronic Components Datasheet Search
  English  ▼

X  

ISO7140FCC Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7140FCC
Description  4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7140FCC Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7140FCC Datasheet HTML 3Page - Texas Instruments ISO7140FCC Datasheet HTML 4Page - Texas Instruments ISO7140FCC Datasheet HTML 5Page - Texas Instruments ISO7140FCC Datasheet HTML 6Page - Texas Instruments ISO7140FCC Datasheet HTML 7Page - Texas Instruments ISO7140FCC Datasheet HTML 8Page - Texas Instruments ISO7140FCC Datasheet HTML 9Page - Texas Instruments ISO7140FCC Datasheet HTML 10Page - Texas Instruments ISO7140FCC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ISO7131CC, ISO7140CC, ISO7140FCC
ISO7141CC, ISO7141FCC
www.ti.com
SLLSE83E – APRIL 2013 – REVISED SEPTEMBER 2013
SUPPLY CURRENT
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO7131
ICC1
1.9
2.7
Disable
EN1 = EN2 = 0 V
ICC2
2.6
3.8
ICC1
1.9
2.7
DC to 1 Mbps
ICC2
2.6
3.8
ICC1
2.4
3.5
10 Mbps
mA
DC signal: VI = VCC or 0 V
ICC2
3.5
4.7
AC signal: All channels switching with square-wave
ICC1
3.2
4.6
clock input; CL = 15 pF
25 Mbps
ICC2
4.7
6.2
ICC1
5
7
40 Mbps
ICC2
7
9
ISO7140
ICC1
0.3
0.7
Disable
EN = 0 V
ICC2
3.6
5.2
ICC1
0.4
0.8
DC to 1 Mbps
ICC2
3.7
5.3
ICC1
0.9
1.4
10 Mbps
mA
DC signal: VI = VCC or 0 V,
ICC2
5.1
6.8
AC signal: All channels switching with square-wave
ICC1
1.7
2.4
clock input; CL = 15 pF
25 Mbps
ICC2
7.3
10
ICC1
2.4
3.7
40 Mbps
ICC2
9.4
13
ISO7141
ICC1
2
3.1
Disable
EN1 = EN2 = 0 V
ICC2
3.2
4.9
ICC1
2
3.1
DC to 1 Mbps
ICC2
3.2
4.9
ICC1
2.8
3.8
10 Mbps
mA
DC signal: VI = VCC or 0 V,
ICC2
4.5
6.1
AC signal: All channels switching with square-wave
ICC1
4
5.2
clock input; CL = 15 pF
25 Mbps
ICC2
6.4
8.3
ICC1
5
8
40 Mbps
ICC2
8.2
11.6
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com