Electronic Components Datasheet Search
  English  ▼

X  

ISO7140FCC Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7140FCC
Description  4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7140FCC Datasheet(HTML) 3 Page - Texas Instruments

  ISO7140FCC Datasheet HTML 1Page - Texas Instruments ISO7140FCC Datasheet HTML 2Page - Texas Instruments ISO7140FCC Datasheet HTML 3Page - Texas Instruments ISO7140FCC Datasheet HTML 4Page - Texas Instruments ISO7140FCC Datasheet HTML 5Page - Texas Instruments ISO7140FCC Datasheet HTML 6Page - Texas Instruments ISO7140FCC Datasheet HTML 7Page - Texas Instruments ISO7140FCC Datasheet HTML 8Page - Texas Instruments ISO7140FCC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ISO7131CC, ISO7140CC, ISO7140FCC
ISO7141CC, ISO7141FCC
www.ti.com
SLLSE83E – APRIL 2013 – REVISED SEPTEMBER 2013
ABSOLUTE MAXIMUM RATINGS
(1)
PARAMETER
VALUE
Supply voltage(2)
VCC1, VCC2
–0.5 V to 6 V
Input voltage
INx, ENx
–0.5 V to 6 V
Output voltage
OUTx
–0.5 V to VCC+ 0.5 V
Output current
IO
±15 mA
Human-body model
ESDA / JEDEC JS-001-2012
±4 kV
Electrostatic discharge
All pins
Field-induced charged device
JEDEC JESD22-C101E
±1.5 kV
model
Maximum junction
TJ
150°C
temperature
Storage temperature
TSTG
–65°C to 150°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak
voltage values.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
TYP
MAX
UNIT
VCC1, VCC2
Supply voltage
2.7
5.5
V
High-level output current (VCC ≥ 3.0 V)
–4
mA
IOH
High-level output current (VCC < 3.0 V)
–2
mA
IOL
Low-level output current
4
mA
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
0
0.8
V
tui
Input pulse duration (VCC ≥ 4.5V)
20
ns
tui
Input pulse duration (VCC < 4.5V)
25
ns
1 / tui
Signaling rate (VCC ≥ 4.5V)
0
50
Mbps
1 / tui
Signaling rate (VCC < 4.5V)
0
40
Mbps
TJ
Junction temperature
–40
136
°C
TA
Ambient temperature
–40
25
125
°C
THERMAL INFORMATION
ISO7131, ISO714x
THERMAL METRIC(1)
UNIT
DBQ (16 Pins)
θJA
Junction-to-ambient thermal resistance
104.5
°C/W
θJC(top)
Junction-to-case(top) thermal resistance
57.8
°C/W
θJB
Junction-to-board thermal resistance
46.8
°C/W
ψJT
Junction-to-top characterization parameter
18.3
°C/W
ψJB
Junction-to-board characterization parameter
46.4
°C/W
θJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
°C/W
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF
PD
Device power dissipation
150
mW
Input a 25-MHz, 50% duty cycle square wave
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com