Electronic Components Datasheet Search
  English  ▼

X  

ISO7140FCC Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7140FCC
Description  4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7140FCC Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO7140FCC Datasheet HTML 12Page - Texas Instruments ISO7140FCC Datasheet HTML 13Page - Texas Instruments ISO7140FCC Datasheet HTML 14Page - Texas Instruments ISO7140FCC Datasheet HTML 15Page - Texas Instruments ISO7140FCC Datasheet HTML 16Page - Texas Instruments ISO7140FCC Datasheet HTML 17Page - Texas Instruments ISO7140FCC Datasheet HTML 18Page - Texas Instruments ISO7140FCC Datasheet HTML 19Page - Texas Instruments ISO7140FCC Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
5
10
15
Low-Level Output Current (mA)
VCC at 3.3 V
VCC at 5 V
C003
V
CC at 3.3 V
V
CC at 5 V
2.34
2.36
2.38
2.40
2.42
2.44
2.46
2.48
±50
0
50
100
150
Free-Air Temperature (
ƒC)
VCC Rising
VCC Falling
C004
V
CC Rising
V
CC Falling
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
Data Rate (Mbps)
ICC2 5V
ICC2 3.3V
ICC1 5V
ICC1 3.3V
C001
I
CC2 at 5 V
I
CC2 at 3.3 V
I
CC1 at 5 V
I
CC1 at 3.3 V
±1.00
0.00
1.00
2.00
3.00
4.00
5.00
6.00
±15
±10
±5
0
High-Level Output Current (mA)
VCC at 3.3 V
VCC at 5 V
C002
V
CC at 3.3 V
V
CC at 5 V
0.00
2.00
4.00
6.00
8.00
10.00
12.00
0
10
20
30
40
50
60
Data Rate (Mbps)
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
C001
I
CC1 at 3.3 V
I
CC2 at 3.3 V
I
CC1 at 5 V
I
CC2 at 5 V
0
2
4
6
8
10
12
14
16
18
0
10
20
30
40
50
60
Data Rate (Mbps)
ICC2 5V
ICC2 3.3V
ICC1 5V
ICC1 3.3V
C001
I
CC2 at 5 V
I
CC2 at 3.3 V
I
CC1 at 5 V
I
CC1 at 3.3 V
ISO7131CC, ISO7140CC, ISO7140FCC
ISO7141CC, ISO7141FCC
SLLSE83E – APRIL 2013 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS
Figure 9. ISO7131 SUPPLY CURRENT FOR ALL CHANNELS
Figure 10. ISO7140 SUPPLY CURRENT FOR ALL
vs DATA RATE
CHANNELS vs DATA RATE
Figure 11. ISO7141 SUPPLY CURRENT FOR ALL
Figure 12. HIGH-LEVEL OUTPUT VOLTAGE vs
CHANNELS vs DATA RATE
HIGH-LEVEL OUTPUT CURRENT
Figure 13. LOW-LEVEL OUTPUT VOLTAGE vs
Figure 14. VCC UNDERVOLTAGE THRESHOLD vs
LOW-LEVEL OUTPUT CURRENT
FREE-AIR TEMPERATURE
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com