Electronic Components Datasheet Search
  English  ▼

X  

ISO7140FCC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7140FCC
Description  4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7140FCC Datasheet(HTML) 1 Page - Texas Instruments

  ISO7140FCC Datasheet HTML 1Page - Texas Instruments ISO7140FCC Datasheet HTML 2Page - Texas Instruments ISO7140FCC Datasheet HTML 3Page - Texas Instruments ISO7140FCC Datasheet HTML 4Page - Texas Instruments ISO7140FCC Datasheet HTML 5Page - Texas Instruments ISO7140FCC Datasheet HTML 6Page - Texas Instruments ISO7140FCC Datasheet HTML 7Page - Texas Instruments ISO7140FCC Datasheet HTML 8Page - Texas Instruments ISO7140FCC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
2
3
4
5
6
7
8
ISO7140
9
10
11
12
13
14
15
16
NC
INA
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
EN
IND
OUTD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
INA
GND2
GND2
INB
OUTC
OUTA
INC
OUTB
NC
EN2
EN1
V
CC1
GND1
GND1
V
CC2
GND1
V
CC1
NC
V
CC2
ISO7131
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
INA
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
IND
EN2
EN1
GND1
GND1
V
CC1
OUTD
V
CC2
ISO7141
ISO7131CC, ISO7140CC, ISO7140FCC
ISO7141CC, ISO7141FCC
www.ti.com
SLLSE83E – APRIL 2013 – REVISED SEPTEMBER 2013
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
Check for Samples: ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC
1
FEATURES
APPLICATIONS
2
•
Maximum Signaling Rate: 50 Mbps (with 5V
•
General-Purpose Isolation
Supplies)
–
Industrial Fieldbus
•
Robust Design With Integrated Noise Filter
–
Profibus
•
Default Output Low Option (Suffix F)
–
Modbus™
•
Low Power Consumption, Typical ICC per
–
DeviceNet Data Buses
Channel (with 3.3 V Supplies):
–
RS-232, RS-485
–
ISO7131: 1.5 mA at 1 Mbps,
–
Serial Peripheral Interface
2.6 mA at 25 Mbps
–
ISO7140: 1 mA at 1 Mbps,
SAFETY AND REGULATORY
2.3 mA at 25 Mbps
APPROVALS
–
ISO7141: 1.3 mA at 1 Mbps,
•
2500 VRMS Isolation for 1 minute per UL 1577
2.6 mA at 25 Mbps
(Approved)
•
Low Propagation Delay: 23 ns Typical
•
4242 VPK Isolation per DIN EN 60747-5-2 (VDE
(3.3 V Supplies)
0884 Teil 2), 566 VPK Working Voltage
•
Wide Temperature Range: –40°C to 125°C
(Approved)
•
50 kV/µs Transient Immunity, Typical
•
CSA Component Acceptance Notice 5A
(Approval Pending)
•
Long Life with SiO2 Isolation Barrier
•
IEC 60950-1 and IEC 61010-1 End Equipment
•
Operates From 2.7 V, 3.3 V and 5 V Supply and
Standards (Approval Pending)
Logic Levels
•
GB 4943.1-2011 and GB 8898:2011 CQC
•
Small QSOP-16 Package
Certification (Approval Pending)
DESCRIPTION
ISO7131, ISO7140, and ISO7141 provide galvanic isolation up to 2500 VRMS for 1 minute per UL and 4242 VPK
per VDE. ISO7131 has three channels with two forward and one reverse-direction channels. ISO7140 and
ISO7141 are quad-channel isolators; ISO7140 has four forward, ISO7141 has three forward and one reverse-
direction channels. These devices are capable of 50 Mbps maximum data rate with 5V supplies and 40Mbps
maximum data rate with 3.3V or 2.7V supplies, with integrated filters on the inputs for noise-prone applications.
The suffix F indicates that default output state is low; otherwise, the default output state is high (see Table 1).
Each isolation channel has a logic input and output buffer separated by a silicon dioxide (SiO2) insulation barrier.
Used in conjunction with isolated power supplies, these devices prevent noise currents on a data bus or other
circuits from entering the local ground and interfering with or damaging sensitive circuitry. The devices have TTL
input thresholds and can operate from 2.7 V, 3.3 V, and 5 V supplies. All inputs are 5V tolerant when supplied
from a 2.7V or 3.3V supply.
PIN CONFIGURATIONS (TOP VIEW)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Modbus is a trademark of Gould Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO7140FCC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7140FCC TI1-ISO7140FCC Datasheet
546Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI1-ISO7140FCC Datasheet
488Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI-ISO7140FCC Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI2-ISO7140FCC Datasheet
963Kb / 36P
ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
REVISED JANUARY 2015
ISO7140FCC TI2-ISO7140FCC Datasheet
964Kb / 36P
ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
REVISED JANUARY 2015
More results

Similar Description - ISO7140FCC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7640FM TI1-ISO7640FM Datasheet
956Kb / 29P
Low Power Quad Channels Digital Isolators
ISO7631FM TI-ISO7631FM Datasheet
1Mb / 31P
Low Power Triple and Quad Channels Digital Isolators
ISO7131CC TI1-ISO7131CC Datasheet
546Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI1-ISO7140FCC Datasheet
488Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7131CCDBQ TI1-ISO7131CCDBQ Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7141FCCDBQR TI-ISO7141FCCDBQR Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7631FM TI1-ISO7631FM_15 Datasheet
1Mb / 35P
Low-Power Triple and Quad-Channels Digital Isolators
ISO7831 TI1-ISO7831_16 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Triple Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com