Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA220 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA220 Datasheet HTML 3Page - Texas Instruments INA220 Datasheet HTML 4Page - Texas Instruments INA220 Datasheet HTML 5Page - Texas Instruments INA220 Datasheet HTML 6Page - Texas Instruments INA220 Datasheet HTML 7Page - Texas Instruments INA220 Datasheet HTML 8Page - Texas Instruments INA220 Datasheet HTML 9Page - Texas Instruments INA220 Datasheet HTML 10Page - Texas Instruments INA220 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
−50
0
50
100
150
200
250
300
0
4
8
12
16
20
24
28
32
36
Common−Mode Input Voltage (V)
G008
Input Offset Voltage (mV)
−1.4
−1.2
−1.0
−0.8
−0.6
−50
−25
0
25
50
75
100
125
Temperature (°C)
G009
Input Gain Error (m%)
0
100
200
300
400
500
600
−50
−25
0
25
50
75
100
125
Temperature (°C)
G012
0
5
10
15
20
25
0
4
8
12
16
20
24
28
32
36
Common−Mode Input Voltage (V)
G012
INA226
www.ti.com
SBOS547
– JUNE 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +3.3V, VIN+ = 12V, VSENSE = (VIN+ – VIN–) = 0mV, VBUS = 12V, unless otherwise noted.
SHUNT INPUT GAIN ERROR
BUS INPUT OFFSET VOLTAGE
vs COMMON-MODE VOLTAGE
PRODUCTION DISTRIBUTION
Figure 8.
Figure 9.
BUS INPUT OFFSET VOLTAGE vs TEMPERATURE
BUS INPUT GAIN ERROR PRODUCTION DISTRIBUTION
Figure 10.
Figure 11.
BUS INPUT GAIN ERROR vs TEMPERATURE
INPUT BIAS CURRENT vs COMMON-MODE VOLTAGE
Figure 12.
Figure 13.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): INA226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com