Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA220 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA220 Datasheet HTML 7Page - Texas Instruments INA220 Datasheet HTML 8Page - Texas Instruments INA220 Datasheet HTML 9Page - Texas Instruments INA220 Datasheet HTML 10Page - Texas Instruments INA220 Datasheet HTML 11Page - Texas Instruments INA220 Datasheet HTML 12Page - Texas Instruments INA220 Datasheet HTML 13Page - Texas Instruments INA220 Datasheet HTML 14Page - Texas Instruments INA220 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Number of Conversions
0
200
400
600
800
1000
Conversion Time: 140 s
m
Conversion Time: 1.1ms
Conversion Time: 8.244ms
INA226
www.ti.com
SBOS547
– JUNE 2011
Averaging and Conversion Time Considerations
The INA226 has programmable conversion times for both the shunt voltage and bus voltage measurements. The
conversion times for these measurements can be selected from as fast as 140
μs to as long as 8.244ms. The
conversion time settings, along with the programmable averaging mode, allow the INA226 to be configured to
optimize the available timing requirements in a given application. For example, if a system requires that data be
read every 5ms, the INA226 could be configured with the conversion times set to 588
μs and the averaging mode
set to 4. This configuration results in the data updating approximately every 4.7ms. The INA226 could also be
configured with a different conversion time setting for the shunt and bus voltage measurements. This type of
approach is common in applications where the bus voltage tends to be relatively stable. This situation can allow
for the time focused on the bus voltage measurement to be reduced relative to the shunt voltage measurement.
The shunt voltage conversion time could be set to 4.156ms with the bus voltage conversion time set to 588
μs,
with the averaging mode set to 1. This configuration also results in data updating approximately every 4.7ms.
There are trade-offs associated with the settings for conversion time and the averaging mode used. The
averaging feature can significantly improve the measurement accuracy by effectively filtering the signal. This
approach allows the INA226 to reduce any noise in the measurement that may be caused by noise coupling into
the signal. A greater number of averages enables the INA226 to be more effective in reducing the noise
component of the measurement.
The conversion times selected can also have an impact on the measurement accuracy. This effect can seen in
Figure 21. Multiple conversion times are shown here to illustrate the impact of noise on the measurement. In
order to achieve the highest accuracy measurement possible, a combination of the longest allowable conversion
times and highest number of averages should be used, based on the timing requirements of the system.
Figure 21. Noise vs Conversion Time
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): INA226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com