Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA220 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA220 Datasheet HTML 20Page - Texas Instruments INA220 Datasheet HTML 21Page - Texas Instruments INA220 Datasheet HTML 22Page - Texas Instruments INA220 Datasheet HTML 23Page - Texas Instruments INA220 Datasheet HTML 24Page - Texas Instruments INA220 Datasheet HTML 25Page - Texas Instruments INA220 Datasheet HTML 26Page - Texas Instruments INA220 Datasheet HTML 27Page - Texas Instruments INA220 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Frame 1 Two-Wire Slave Address Byte
(1)
Frame 2 Register Pointer Byte
Start By
Master
ACK By
INA226
ACK By
INA226
1
9
1
ACK By
INA226
1
D15 D14
D13
D12 D11 D10
D9
D8
9
9
SDA
SCL
1
0
0
A3
A2
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Frame 4 Data LSByte
Frame 3 Data MSByte
ACK By
INA226
Stop By
Master
1
D7
D6
D5
D4
D3
D2
D1
D0
9
Frame 1 Two-Wire Slave Address Byte
(1)
Frame 2 Data MSByte
(2)
1
Start By
Master
ACK By
INA226
ACK By
Master
From
INA226
1
9
1
9
SDA
SCL
0
0
A3
R/W
D15 D14
D13
D12
D11 D10
D9
D8
A2
A1
A0
Frame 3 Data LSByte
(2)
Stop
No ACK By
(3)
Master
From
INA226
1
9
D7
D6
D5
D4
D3
D2
D1
D0
INA226
SBOS547
– JUNE 2011
www.ti.com
WRITING TO/READING FROM THE INA226
Accessing a specific register on the INA226 is accomplished by writing the appropriate value to the register
pointer. Refer to Table 2 for a complete list of registers and corresponding addresses. The value for the register
pointer (as shown in Figure 27) is the first byte transferred after the slave address byte with the R/W bit low.
Every write operation to the INA226 requires a value for the register pointer.
Writing to a register begins with the first byte transmitted by the master. This byte is the slave address, with the
R/W bit low. The INA226 then acknowledges receipt of a valid address. The next byte transmitted by the master
is the address of the register which data will be written to. This register address value updates the register
pointer to the desired register. The next two bytes are written to the register addressed by the register pointer.
The INA226 acknowledges receipt of each data byte. The master may terminate data transfer by generating a
start or stop condition.
When reading from the INA226, the last value stored in the register pointer by a write operation determines
which register is read during a read operation. To change the register pointer for a read operation, a new value
must be written to the register pointer. This write is accomplished by issuing a slave address byte with the R/W
bit low, followed by the register pointer byte. No additional data are required. The master then generates a start
condition and sends the slave address byte with the R/W bit high to initiate the read command. The next byte is
transmitted by the slave and is the most significant byte of the register indicated by the register pointer. This byte
is followed by an Acknowledge from the master; then the slave transmits the least significant byte. The master
acknowledges receipt of the data byte. The master may terminate data transfer by generating a
Not-Acknowledge after receiving any data byte, or generating a start or stop condition. If repeated reads from the
same register are desired, it is not necessary to continually send the register pointer bytes; the INA226 retains
the register pointer value until it is changed by the next write operation.
Figure 24 and Figure 25 show the write and read operation timing diagrams, respectively. Note that register
bytes are sent most-significant byte first, followed by the least significant byte.
(1)
The value of the Slave Address byte is determined by the settings of the A0 and A1 pins. Refer to Table 7.
Figure 24. Timing Diagram for Write Word Format
(1)
The value of the Slave Address byte is determined by the settings of the A0 and A1 pins. Refer to Table 7.
(2)
Read data is from the last register pointer location. If a new register is desired, the register pointer must be updated.
See Figure 23.
(3)
ACK by Master can also be sent.
Figure 25. Timing Diagram for Read Word Format
24
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): INA226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com