Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA220 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA220 Datasheet HTML 15Page - Texas Instruments INA220 Datasheet HTML 16Page - Texas Instruments INA220 Datasheet HTML 17Page - Texas Instruments INA220 Datasheet HTML 18Page - Texas Instruments INA220 Datasheet HTML 19Page - Texas Instruments INA220 Datasheet HTML 20Page - Texas Instruments INA220 Datasheet HTML 21Page - Texas Instruments INA220 Datasheet HTML 22Page - Texas Instruments INA220 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
INA226
www.ti.com
SBOS547
– JUNE 2011
VBUS CT:
Bus Voltage Conversion Time
Bits 6
–8
Sets the conversion time for the bus voltage measurement. Table 4 shows the VBUS CT bit options and related
conversion times for each bit.
Table 4. VBUS CT Bit Settings [8:6]
(1)
VBUS CT2
VBUS CT1
VBUS CT0
D8
D7
D6
CONVERSION TIME
0
0
0
140
µs
0
0
1
204
µs
0
1
0
332
µs
0
1
1
588
µs
1
0
0
1.1ms
1
0
1
2.116ms
1
1
0
4.156ms
1
1
1
8.244ms
(1)
Shaded values are default.
VSH CT:
Shunt Voltage Conversion Time
Bits 3
–5
Sets the conversion time for the shunt voltage measurement. Table 5 shows the VSH CT bit options and related
conversion times for each bit.
Table 5. VSH CT Bit Settings [5:3]
(1)
VSH CT2
VSH CT1
VSH CT0
D5
D4
D3
CONVERSION TIME
0
0
0
140
µs
0
0
1
204
µs
0
1
0
332
µs
0
1
1
588
µs
1
0
0
1.1ms
1
0
1
2.116ms
1
1
0
4.156ms
1
1
1
8.244ms
(1)
Shaded values are default.
MODE:
Operating Mode
Bits 0
–2
Selects continuous, triggered, or power-down mode of operation. These bits default to continuous shunt and bus
measurement mode. The mode settings are shown in Table 6.
Table 6. Mode Settings [2:0](1)
MODE3
MODE2
MODE1
MODE
D2
D1
D0
0
0
0
Power-Down
0
0
1
Shunt Voltage, Triggered
0
1
0
Bus Voltage, Triggered
0
1
1
Shunt and Bus, Triggered
1
0
0
Power-Down
1
0
1
Shunt Voltage, Continuous
1
1
0
Bus Voltage, Continuous
1
1
1
Shunt and Bus, Continuous
(1)
Shaded values are default.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): INA226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com