Electronic Components Datasheet Search
  English  ▼

X  

8178 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 8178
Description  LOW-DROPOUT, 7.7 V PREREGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8178 Datasheet(HTML) 1 Page - Allegro MicroSystems

  8178 Datasheet HTML 1Page - Allegro MicroSystems 8178 Datasheet HTML 2Page - Allegro MicroSystems 8178 Datasheet HTML 3Page - Allegro MicroSystems 8178 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
2
3
Dwg. PD-0xx
VR
VR
7.7 V
2
3
1
LOW-DROPOUT,
7.7 V PREREGULATOR
Designed specifically to meet the stringent requirements of automo-
tive applications, the A8178LLR and A8178LLT provide an output
voltage of 7.7 V
±15% for supply voltages greater than 6.9 V. They
also provide a low-dropout tracking output for supply voltages down to
2.5 V. These regulators are intended to be used with sensitive automo-
tive electronics systems that do not have the capability of low dropout
operation and cannot withstand the high-voltage transients typical of
automotive applications. These 7.7 V preregulators will withstand all
ISO pulses (ignition coil disconnect requires an external diode) and will
continue to operate during positive power supply transients (noise).
These devices are supplied in small-outline plastic transistor
packages for surface-mount applications. The A8178LLR is supplied in
the minimum footprint SOT-23/TO-236AB; the A8178LLT is furnished in
the SOT-89/TO-243AA for increased allowable package power dissipa-
tion.
ABSOLUTE MAXIMUM RATINGS
Input Voltage, V
I . . . . . . . . . . . . . .
30 V
Reverse Input Voltage, V
RI . . . .
-120 V
Output Current, I
O . . . . . . . . . . . .
TBD*
Operating Temperature Range,
T
A . . . . . . . . . . . .
-40
°C to +150°C
Junction Temperature, T
J . . . .
+150
°C
Storage Temperature Range,
T
S . . . . . . . . . . . .
-40
°C to +170°C
* Output current rating is limited by input voltage,
duty cycle, and ambient temperature. Under
any set of conditions, do not exceed a junction
temperature of +150
°C. See next page.
T
his document contains information on a product under development. Allegro
MicroSystems, Inc. reserves the right to change or discontinue this product without
notice.
Always order by complete part number:
A8178LLT
.
8178
PRODUCT PREVIEW
(Subject to change without notice)
April 5, 1996


Similar Part No. - 8178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8178 ETC-8178 Datasheet
258Kb / 1P
Heyco짰 Plug-In Device Contacts
logo
Belden Inc.
8178 BELDEN-8178 Datasheet
168Kb / 2P
RS232/422 Low Cap, #24-18pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
05-05-2023
logo
Heyco.
8178 HEYCO-8178 Datasheet
290Kb / 1P
Plug-In Device Contacts
logo
RAF ELECTRONIC HARDWARE
8178-1032-A RAF-8178-1032-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
8178-1032-SS RAF-8178-1032-SS Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
More results

Similar Description - 8178

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1854 TI-UC1854 Datasheet
281Kb / 9P
High Power Factor Preregulator
logo
TOKO, Inc
TK701XX TOKO-TK701XX Datasheet
116Kb / 6P
1.0 V LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1 Datasheet
314Kb / 12P
5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE7270-2 INFINEON-TLE7270-2 Datasheet
477Kb / 20P
5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
TLE7272-2 INFINEON-TLE7272-2 Datasheet
450Kb / 21P
5-V Low Dropout Voltage Regulator
Rev. 1.0, June 2009
logo
STMicroelectronics
L5150BNTR STMICROELECTRONICS-L5150BNTR Datasheet
500Kb / 20P
5 V low dropout voltage regulator
07-Feb-2012
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
5 V low dropout voltage regulator
02-Oct-2012
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
5 V low dropout voltage regulator
19-Sep-2013
L5150CJTR STMICROELECTRONICS-L5150CJTR Datasheet
664Kb / 34P
5 V low dropout voltage regulator
19-Sep-2013
logo
Infineon Technologies A...
TLE7274-2 INFINEON-TLE7274-2 Datasheet
1Mb / 19P
5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com