Electronic Components Datasheet Search
  English  ▼

X  

8178 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 8178
Description  LOW-DROPOUT, 7.7 V PREREGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8178 Datasheet(HTML) 2 Page - Allegro MicroSystems

  8178 Datasheet HTML 1Page - Allegro MicroSystems 8178 Datasheet HTML 2Page - Allegro MicroSystems 8178 Datasheet HTML 3Page - Allegro MicroSystems 8178 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
8178
LOW-DROPOUT,
7.7 V PREREGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ELECTRICAL CHARACTERISTICS over operating temperature range.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Voltage
V
O
6.9 V
≤ V
I ≤ 24 V
6.5
7.7
8.8
V
2.5 V
≤ V
I ≤ 6.9 V
V
I - 0.4
—
—
V
V
I = 120 V, pulse test
—
—
11
V
Output Volt. Temp. Coeff.
α
VO
—
—
TBD
mV/
°C
Line Regulation
∆V
O(
∆VI)
—
—
TBD
mV
Load Regulation
∆V
O(
∆IO)
—
—
TBD
mV
Quiescent Current
I
Q
V
I = 13.5 V, IO = 0
—
—
2.5
mA
2.5 V
≤ V
I ≤ 8 V, IO = 0
—
—
5.6
mA
Power Dissipation
P
d
V
I = 13.5 V, IO = 15 mA
—
—
130
mW
Thermal Resistance*
RθJA
A8178LLR
—
575
—
°C/W
A8178LLT
—
200
—
°C/W
Typical values are at T
A = +25°C and are given for circuit design information only.
*
Mounted on 2.24" x 2.24" solder-coated copper-clad board in still air.
INTERNAL PROTECTIVE FEATURES
ISO
Pulse No.
Test
Test Conditions (at TA = +25°C)
1
Inductive Turn Off (Negative)
VS = -100 V, RS = 10 Ω, tr = 1 µs, td = 2 ms
2
Inductive Turn Off (Positive)
VS = 100 V, RS = 10 Ω, tr = 1 µs, td = 50 µs, non-operating
3a
Capacitive/Inductive Coupling (Neg)
VS = -150 V, RS = 50 Ω, tr = 50 ns, td = 100 ns
3b
Capacitive/Inductive Coupling (Pos)
VS = 100 V, RS = 50 Ω, tr = 50 ns, td = 100 ns
4
Reverse Battery
VS = -14 V, td = 20 s, non-operating
5
Load Dump
VS = 86.5 V, RS = 0.5 Ω, tr = 5 ms, td = 400 ms
6
Ignition Coil Disconnect
VS = -300 V, RS = 30 Ω, tr = 60 µs, td = 300 µs
EXTERNAL PROTECTION REQ’D
7
Field Decay (Negative)
VS = -80 V, RS = 10 Ω, tr = 5 ms, td = 100 ms
Copyright © 1996 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com