Electronic Components Datasheet Search
  English  ▼

X  

8178 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 8178
Description  LOW-DROPOUT, 7.7 V PREREGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8178 Datasheet(HTML) 4 Page - Allegro MicroSystems

  8178 Datasheet HTML 1Page - Allegro MicroSystems 8178 Datasheet HTML 2Page - Allegro MicroSystems 8178 Datasheet HTML 3Page - Allegro MicroSystems 8178 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
8178
LOW-DROPOUT,
7.7 V PREREGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Dwg. MA-009-3 in
1
23
0.064
0.072
0.155
0.167
0.059
BSC
0.014
0.019
0.035
0.047
0.090
0.102
0.055
0.063
0.014
0.017
0.084
0.090
0.017
0.022
0.118
BSC
0.173
0.181
Dimensions in Millimeters
(controlling dimensions)
Dwg. MA-009-3 mm
1
23
4.40
4.60
1.62
1.83
3.94
4.25
1.50
BSC
0.36
0.48
0.89
1.20
2.29
2.60
1.40
1.60
0.35
0.44
2.13
2.29
0.44
0.56
3.00
BSC
A8178LLT
Dimensions in Inches
(for reference only)
NOTES: 1. Lead spacing tolerance is non-cumulative.
2. Exact body and lead configuration at vendor’s
option within limits shown.
Allegro MicroSystems, Inc. reserves the right to make, from time to time, such
departures from the detail specifications as may be required to permit improvements
in the design of its products.
The information included herein is believed to be accurate and reliable.
However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for
any infringements of patents or other rights of third parties which may result from its
use.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com