Electronic Components Datasheet Search
  English  ▼

X  

8178 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 8178
Description  LOW-DROPOUT, 7.7 V PREREGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8178 Datasheet(HTML) 3 Page - Allegro MicroSystems

  8178 Datasheet HTML 1Page - Allegro MicroSystems 8178 Datasheet HTML 2Page - Allegro MicroSystems 8178 Datasheet HTML 3Page - Allegro MicroSystems 8178 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions in Millimeters
(controlling dimensions)
A8178LLR
Dimensions in Inches
(for reference only)
NOTES: 1. Lead spacing tolerance is non-cumulative.
2. Exact body and lead configuration at vendor’s option within limits shown.
Dwg. MA-010 in
1
2
3
0.004
0.0005
0.044
0.035
0.007
0.003
0.120
0.110
0.055
0.047
0.1039
0.083
0.040
0.035
0.027
REF
0.024
0.018
0.020
0.015
0.080
0.070
Dwg. MA-010 mm
1
2
3
0.10
0.013
1.12
0.89
0.18
0.085
3.04
2.80
1.40
1.20
2.64
2.10
1.03
0.89
0.69
REF
0.60
0.45
0.51
0.37
2.05
1.78
8178
LOW-DROPOUT,
7.7 V PREREGULATOR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com