Electronic Components Datasheet Search
  English  ▼

X  

8980 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 8980
Description  SUPERSERVO SPINDLE & VOICE-COIL ACTUATION MANAGER/DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8980 Datasheet(HTML) 1 Page - Allegro MicroSystems

  8980 Datasheet HTML 1Page - Allegro MicroSystems 8980 Datasheet HTML 2Page - Allegro MicroSystems 8980 Datasheet HTML 3Page - Allegro MicroSystems 8980 Datasheet HTML 4Page - Allegro MicroSystems 8980 Datasheet HTML 5Page - Allegro MicroSystems 8980 Datasheet HTML 6Page - Allegro MicroSystems 8980 Datasheet HTML 7Page - Allegro MicroSystems 8980 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8980
SUPERSERVO™
SPINDLE & VOICE-COIL
ACTUATION MANAGER/DRIVER
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y
Dwg. PP-048
VREF(X2)
SER DATA IN
12
ADJUST
8
VOLTAGE REF.
SPIN-DEMAND
SERVO-DEMAND
BACK-EMF and
COMMUTATION LOGIC
SERVO CONTROL
Dwg. PP-048
SUPERSERVO
TM
SPINDLE & VOICE-COIL
ACTUATION MANAGER/DRIVER
FEATURES
Voice Coil Motor Driver:
s Low r
DS(on) MOS Outputs
s Lossless Current Sensing
s Zero Deadband
s User-Adjustable Transconductance Gain
s Retract Circuitry Functional to 0 V
The A8980CJT provides complete drive, management, and control
of the voice-coil and spindle motor power actuation subsystems used
in hard disk drives. Extensive programmable control features and
system diagnostics are provided via a serial interface under the
direction of an external microcontroller. The large-scale integration
and use of advanced DABiC™ (digital/analog-BiCMOS) merged
technologies results in minimum power dissipation, minimum operating
voltage requirements, and minimum external components.
The spindle drive function incorporates a three-phase MOS power
driver and a back-EMF sensing motor commutation scheme. Internal
logic and analog circuitry provide complete start-up and
µC-assisted
run modes without the need for snubbers or other external compo-
nents. Additional headroom is achieved by a proprietary circuit, which
eliminates the need for an external current-sense resistor. Intrinsic
ground clamp and flyback diodes are also provided.
The voice-coil function contains a 12-bit DAC, tunable low-pass
and notch filters, and a full-bridge power driver. The MOS outputs
provide increased available voltage and lower power dissipation over
bipolar devices. Voice-coil current is sensed by internal circuitry that
eliminates the need for an external current-sense resistor. Additional
internal circuitry can be configured to provide an over-velocity fault
limit by utilizing the internally monitored current of the voice-coil motor.
The spindle and voice-coil control functions are supplemented by
an ENERGY MANAGER™ subsystem, which efficiently channels available
power to protect the heads and the data disk during system failure or
normal system shutdown. Synchronous rectification of spindle
back-EMF voltage provides nearly lossless conversion of spindle
rotational inertia into power to operate the voice coil motor for parking
the heads. A dc-to-dc converter provides continuous operation at
minimum supply voltages. In addition, the ENERGY MANAGER subsystem
provides several sleep modes and latched fault states for undervoltage
or thermal faults.
The A8980CJT is supplied in a 64-lead thin quad flatpack for
surface-mount applications.
Output current rating may be restricted to a value
determined by system concerns and factors.
These include: system duty cycle and timing,
ambient temperature, and use of any heatsinking
and/or forced cooling.
ABSOLUTE MAXIMUM RATINGS
at T
A
= +25
°C
Load Supply Voltage, V
CC(PWR)
.......... 7.0 V
Spindle Output Current, I
OUT(S)
.........
±1.6 A
Voice-Coil Output Current, I
OUT(S)
....
±0.9 A
Output Current, I
OUT(S)
......................
±1.6 A
Logic Supply Voltage V
CC(D)
............... 6.0 V
Operating Temperature Range,
T
A
..................................... 0
°C to +70°C
8980


Similar Part No. - 8980

ManufacturerPart #DatasheetDescription
logo
Heyco.
8980 HEYCO-8980 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
logo
Molex Electronics Ltd.
8980 MOLEX-8980 Datasheet
35Kb / 2P
Disk Drive Power Connector
06/10/2016
8980-3C MOLEX1-8980-3C Datasheet
91Kb / 3P
Disk Drive Power Connection System, Female Crimp Terminal, Reel, Phosphor Bronze, AWG 14-20
8980-3C MOLEX-8980-3C Datasheet
35Kb / 2P
Disk Drive Power Connector
06/10/2016
8980-3L MOLEX1-8980-3L Datasheet
90Kb / 2P
Disk Drive Power Connection System, Female Crimp Terminal, Bag, Phosphor Bronze, 14-20 AWG
More results

Similar Description - 8980

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5149G PHILIPS-TDA5149G Datasheet
148Kb / 28P
12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
1996 May 06
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
Voice coil motor driver
logo
Allegro MicroSystems
8983 ALLEGRO-8983 Datasheet
38Kb / 2P
SPINDLE & VOICE-COIL ACTUATION MANAGER/DRIVER
logo
Fairchild Semiconductor
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
12V Spindle Motor and Voice Coil Motor Driver
logo
Panasonic Semiconductor
AN8420FBP PANASONIC-AN8420FBP Datasheet
1Mb / 27P
Spindle/Voice Coil Motor Drive IC
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
VOICE COIL MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
12V Spindle Motor and Voice Coil Motor Driver
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
12V Spindle Motor and Voice Coil Motor Driver IC
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com