Electronic Components Datasheet Search
  English  ▼

X  

8980 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 8980
Description  SUPERSERVO SPINDLE & VOICE-COIL ACTUATION MANAGER/DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8980 Datasheet(HTML) 2 Page - Allegro MicroSystems

  8980 Datasheet HTML 1Page - Allegro MicroSystems 8980 Datasheet HTML 2Page - Allegro MicroSystems 8980 Datasheet HTML 3Page - Allegro MicroSystems 8980 Datasheet HTML 4Page - Allegro MicroSystems 8980 Datasheet HTML 5Page - Allegro MicroSystems 8980 Datasheet HTML 6Page - Allegro MicroSystems 8980 Datasheet HTML 7Page - Allegro MicroSystems 8980 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8980
SUPERSERVO™
SPINDLE & VOICE-COIL
ACTUATION MANAGER/DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
Dwg. FP-028B
DIGITAL MUX OUT
DATA ENABLE
2 V
REF
V
REF
ANALOG MUX 1
CLOCK
TACH
UV TRIP ADJUST
ANALOG MUX 2
EXTERNAL
COMMUTATION
2 MHz CLOCK
RETRACT
SERIAL DATA IN
BACK-EMF AND
COMMUTATION LOGIC
CONFIGURATION
CONTROL
SERVO CONTROL
SLEW
RATE
CONTROL
POWER-ON
RESET (TO
µC)
g
m
R
gm
R
gm
ENERGY MANAGER
CONTROLLED RETRACT
DC-DC CONVERSION
SLEEP MODES
UV FAULT
THERMAL SHUTDOWN
TUNABLE
LOW-PASS
FILTER
NOTCH
FREQUENCY,
DEPTH, &
DAMPING
OVER-VELOCITY FAULT
12-BIT
SERVO-
DEMAND
DAC
8-BIT
SPIN-DEMAND
DAC
IN / OUT MUX
g
m
Energy Manager:
s 3.0 V to 5.5 V Operation
s Independent Power-Down (Sleep) Modes for all
Functional Blocks
s Efficient Synchronous Rectification Supplies Power
During Blackout
s Thermal Fault Shutdown Circuitry
s Trimmed Bandgap Voltage Reference
s Smart DAC Reference Generator
s Programmable Voltage Reference for Relative Ground
s Over-Velocity Fault Circuitry
s Supply Under-Voltage Monitor with Adjustable
Trip Point
s System Diagnostics Data Out
s Power-On Reset Generator
Spindle Motor Controller/Driver:
s Low r
DS(on) MOS Outputs
s Back-EMF Circuitry Eliminates Hall-Effect Sensors
s Programmable Slew Rate Eliminates Snubbers
s Lossless Current Sensing
s Improved Speed Disturbance Performance
s Dynamic Braking with Delay
s Active Braking
Servo Compensator/Notch:
s Over-Velocity Fault Circuitry
s 12-Bit Servo-Demand DAC
s Programmable Complex Pole Low-pass-Filter
s Programmable Notch Frequency, Depth, and Damping
Copyright © 1992, 1994, Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com