Electronic Components Datasheet Search
  English  ▼

X  

8980 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 8980
Description  SUPERSERVO SPINDLE & VOICE-COIL ACTUATION MANAGER/DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8980 Datasheet(HTML) 3 Page - Allegro MicroSystems

  8980 Datasheet HTML 1Page - Allegro MicroSystems 8980 Datasheet HTML 2Page - Allegro MicroSystems 8980 Datasheet HTML 3Page - Allegro MicroSystems 8980 Datasheet HTML 4Page - Allegro MicroSystems 8980 Datasheet HTML 5Page - Allegro MicroSystems 8980 Datasheet HTML 6Page - Allegro MicroSystems 8980 Datasheet HTML 7Page - Allegro MicroSystems 8980 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8980
SUPERSERVO™
SPINDLE & VOICE-COIL
ACTUATION MANAGER/DRIVER
Notch Filter. This notch filter has a programmable center
frequency and programmable notch depth to provide truly independent
control of notch damping. Enough range and granularity are provided
to allow versatile and accurate out-of-band attenuation of undesirable
energy sources.
Actuator Transconductance Amplifier. The final trans-
conductance function of the voice-coil actuation signal path is
achieved by monitoring the load current and generating an error
voltage to drive a local gm amplifier control loop. The error voltage is
scaled by an external precision resistor (Rgm(act)). This resistor does
not carry load current and is intended only for accurate determination
of the transconductance. The function is:
g
m(act) =
A/V
and I
OUT = VSERVO • gm(ACT).
Actuator Power Outputs. The voice-coil output driver is a
full-bridge power driver operating in a class-B mode. The power
output devices are enhancement-mode MOS transistors. Special
internal circuitry results in nearly zero cross-over distortion when
switching from one source/sink pair to another.
FUNCTIONAL DESCRIPTION
ACTUATOR
Servo-Demand DAC. A 12-bit DAC
is provided to bridge the DSP “soft” domain
to the analog hardware domain. The term
“demand” refers to the distinction between
the newly requested voice-coil current and
the prior current being supplied. The DAC,
operating in straight binary format, spans the
full dynamic range between a large signal
velocity and a precision position mode. The
DAC output is updated synchronously with
the notch functions to avoid the creation of
aliasing products.
Low-Pass Filter. This double, non-
intrinsic complex-pole low-pass filter is
provided to attenuate undesirable, out-of-
band information. The input of this discrete
time filter is sampled synchronously with the
12-bit DAC and notch function in order to
avoid aliasing products.
VM
V
BOOST(H)
VBOOST(L)
V
+ V
UNDER-VOLTAGE
FAULT
V
BOOST(H)
VBOOST(L)
SPINDLE
MOTOR DRIVERS
V
BOOST(H)
V
BOOST(L)
VOICE-COIL
DRIVER
TRIP ADJ
POWER
ON
RESET
POR
OUT
REF(x2)
V
REF
V
REFERENCE
ADJUST
V
BOOST(L)
V
BOOST(L)
ADJUST
(FROM SERIAL INTERFACE)
V
V
BOOST(L)
T
J
SHUTDOWN /
SLEEP
DC
M
CC(A)
V
CC(A)
V
CC(D)
VCC(PWR)
CC(A)
V
L FLYBACK
CC(A)
V
BG
V
BG
V
BG
V
VDC
OVER -
VELOCITY
FAULT
RETRACT
MODE
V
CC(A)
REF
V
+
V REF
2
VEL
FILTERED
V
REF
V
-
VREF
2
V
CC(D)
VRETRACT
BG
V
ADJUST
(FROM SERIAL
INTERFACE)
x2
÷2
BANDGAP
VOLTAGE
REFERENCE
DC-TO-DC
CONVERTER
THERMAL
FAULT
RETRACT
VOLTAGE
REFERENCE
R
gm(act)
5800



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com